Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 464Page - Renesas Technology Corp SH7052 Datasheet HTML 465Page - Renesas Technology Corp SH7052 Datasheet HTML 466Page - Renesas Technology Corp SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 919 page
background image
442
14.1.4
Register Configuration
Table 14.2 summarizes the SCI internal registers. These registers select the communication mode
(asynchronous or synchronous), specify the data format and bit rate, and control the transmitter
and receiver sections.
Table 14.2
Registers
Channel
Name
Abbreviation R/W
Initial
Value
Address*
2
Access
Size
0
Serial mode register 0
SMR0
R/W
H'00
H'FFFFF000
8, 16
Bit rate register 0
BRR0
R/W
H'FF
H'FFFFF001
Serial control register 0
SCR0
R/W
H'00
H'FFFFF002
Transmit data register 0
TDR0
R/W
H'FF
H'FFFFF003
Serial status register 0
SSR0
R/(W)*
1
H'84
H'FFFFF004
Receive data register 0
RDR0
R
H'00
H'FFFFF005
Serial direction control
register 0
SDCR0
R/W
H'F2
H'FFFFF006
8
1
Serial mode register 1
SMR1
R/W
H'00
H'FFFFF008
8, 16
Bit rate register 1
BRR1
R/W
H'FF
H'FFFFF009
Serial control register 1
SCR1
R/W
H'00
H'FFFFF00A
Transmit data register 1
TDR1
R/W
H'FF
H'FFFFF00B
Serial status register 1
SSR1
R/(W)*
1
H'84
H'FFFFF00C
Receive data register 1
RDR1
R
H'00
H'FFFFF00D
Serial direction control
register 1
SDCR1
R/W
H'F2
H'FFFFF00E
8
2
Serial mode register 2
SMR2
R/W
H'00
H'FFFFF010
8, 16
Bit rate register 2
BRR2
R/W
H'FF
H'FFFFF011
Serial control register 2
SCR2
R/W
H'00
H'FFFFF012
Transmit data register 2
TDR2
R/W
H'FF
H'FFFFF013
Serial status register 2
SSR2
R/(W)*
1
H'84
H'FFFFF014
Receive data register 2
RDR2
R
H'00
H'FFFFF015
Serial direction control
register 2
SDCR2
R/W
H'F2
H'FFFFF016
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com