Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 127Page - Renesas Technology Corp SH7052 Datasheet HTML 128Page - Renesas Technology Corp SH7052 Datasheet HTML 129Page - Renesas Technology Corp SH7052 Datasheet HTML 130Page - Renesas Technology Corp SH7052 Datasheet HTML 131Page - Renesas Technology Corp SH7052 Datasheet HTML 132Page - Renesas Technology Corp SH7052 Datasheet HTML 133Page - Renesas Technology Corp SH7052 Datasheet HTML 134Page - Renesas Technology Corp SH7052 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 919 page
background image
105
• Bits 5 and 4—Instruction Fetch/Data Access Select (ID1, ID0): These bits select whether to
break on instruction fetch and/or data access cycles.
Bit 5: ID1
Bit 4: ID0
Description
0
0
No user break interrupt occurs
(Initial value)
1
Break on instruction fetch cycles
1
0
Break on data access cycles
1
Break on both instruction fetch and data access cycles
• Bits 3 and 2—Read/Write Select (RW1, RW0): These bits select whether to break on read
and/or write cycles.
Bit 3: RW1
Bit 2: RW0
Description
0
0
No user break interrupt occurs
(Initial value)
1
Break on read cycles
1
0
Break on write cycles
1
Break on both read and write cycles
• Bits 1 and 0—Operand Size Select (SZ1, SZ0): These bits select operand size as a break
condition.
Bit 1: SZ1
Bit 0: SZ0
Description
0
0
Operand size is not a break condition
(Initial value)
1
Break on byte access
1
0
Break on word access
1
Break on longword access
Note:
When breaking on an instruction fetch, clear the SZ0 bit to 0. All instructions are considered
to be word-size accesses (even when there are instructions in on-chip memory and two
instruction fetches are performed simultaneously in one bus cycle).
Operand size is word for instructions or determined by the operand size specified for the
CPU/DMAC data access. It is not determined by the bus width of the space being
accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com