Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 131Page - Renesas Technology Corp SH7052 Datasheet HTML 132Page - Renesas Technology Corp SH7052 Datasheet HTML 133Page - Renesas Technology Corp SH7052 Datasheet HTML 134Page - Renesas Technology Corp SH7052 Datasheet HTML 135Page - Renesas Technology Corp SH7052 Datasheet HTML 136Page - Renesas Technology Corp SH7052 Datasheet HTML 137Page - Renesas Technology Corp SH7052 Datasheet HTML 138Page - Renesas Technology Corp SH7052 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 919 page
background image
109
7.3.2
Break on On-Chip Memory Instruction Fetch Cycle
On-chip memory (on-chip ROM and/or RAM) is always accessed as 32 bits in one bus cycle.
Therefore, two instructions can be retrieved in one bus cycle when fetching instructions from on-
chip memory. At such times, only one bus cycle is generated, but by setting the start addresses of
both instructions in the user break address register (UBAR) it is possible to cause independent
breaks. In other words, when wanting to effect a break using the latter of two addresses retrieved
in one bus cycle, set the start address of that instruction in UBAR. The break will occur after
execution of the former instruction.
7.3.3
Program Counter (PC) Values Saved
Break on Instruction Fetch: The program counter (PC) value saved to the stack in user break
interrupt exception processing is the address that matches the break condition. The user break
interrupt is generated before the fetched instruction is executed. If a break condition is set in an
instruction fetch cycle placed immediately after a delayed branch instruction (delay slot), or on an
instruction that follows an interrupt-disabled instruction, however, the user break interrupt is not
accepted immediately, but the break condition establishing instruction is executed. The user break
interrupt is accepted after execution of the instruction that has accepted the interrupt. In this case,
the PC value saved is the start address of the instruction that will be executed after the instruction
that has accepted the interrupt.
Break on Data Access (CPU/DMA): The program counter (PC) value is the top address of the
next instruction after the last instruction executed before the user break exception processing
started. When data access (CPU/DMA) is set as a break condition, the place where the break will
occur cannot be specified exactly. The break will occur at the instruction fetched close to where
the data access that is to receive the break occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com