Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 132Page - Renesas Technology Corp SH7052 Datasheet HTML 133Page - Renesas Technology Corp SH7052 Datasheet HTML 134Page - Renesas Technology Corp SH7052 Datasheet HTML 135Page - Renesas Technology Corp SH7052 Datasheet HTML 136Page - Renesas Technology Corp SH7052 Datasheet HTML 137Page - Renesas Technology Corp SH7052 Datasheet HTML 138Page - Renesas Technology Corp SH7052 Datasheet HTML 139Page - Renesas Technology Corp SH7052 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 919 page
background image
110
7.4
Examples of Use
7.4.1
Break on CPU Instruction Fetch Cycle
1. Register settings:
UBARH = H'0000
UBARL = H'0404
UBBR = H'0054
UBCR = H'0000
Conditions set:
Address: H'00000404
Bus cycle: CPU, instruction fetch, read
(operand size not included in conditions)
Interrupt requests enabled
A user break interrupt will occur before the instruction at address H'00000404. If it is possible
for the instruction at H'00000402 to accept an interrupt, the user break exception processing
will be executed after execution of that instruction. The instruction at H'00000404 is not
executed. The PC value saved is H'00000404.
2. Register settings:
UBARH = H'0015
UBARL = H'389C
UBBR = H'0058
UBCR = H'0000
Conditions set:
Address: H'0015389C
Bus cycle: CPU, instruction fetch, write
(operand size not included in conditions)
Interrupt requests enabled
A user break interrupt does not occur because the instruction fetch cycle is not a write cycle.
3. Register settings:
UBARH = H'0003
UBARL = H'0147
UBBR = H'0054
UBCR = H'0000
Conditions set:
Address: H'00030147
Bus cycle: CPU, instruction fetch, read
(operand size not included in conditions)
Interrupt requests enabled
A user break interrupt does not occur because the instruction fetch was performed for an even
address. However, if the first instruction fetch address after the branch is an odd address set by
these conditions, user break interrupt exception processing will be carried out after address
error exception processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com