Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 128Page - Renesas Technology Corp SH7052 Datasheet HTML 129Page - Renesas Technology Corp SH7052 Datasheet HTML 130Page - Renesas Technology Corp SH7052 Datasheet HTML 131Page - Renesas Technology Corp SH7052 Datasheet HTML 132Page - Renesas Technology Corp SH7052 Datasheet HTML 133Page - Renesas Technology Corp SH7052 Datasheet HTML 134Page - Renesas Technology Corp SH7052 Datasheet HTML 135Page - Renesas Technology Corp SH7052 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 919 page
background image
106
7.2.4
User Break Control Register (UBCR)
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
CKS1
CKS0
UBID
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
The user break control register (UBCR) is a 16-bit readable/writable register that (1) enables or
disables user break interrupts and (2) sets the pulse width of the
UBCTRG signal output in the
event of a break condition match.
UBCR is initialized to H'0000 by a power-on reset and in module standby mode. It is not
initialized in software standby mode.
• Bits 15 to 3—Reserved: These bits always read 0. The write value should always be 0.
• Bits 2 and 1—Clock Select 1 and 0 (CKS1, CKS0): These bits specify the pulse width of the
UBCTRG signal output in the event of a condition match.
Bit 2: CKS1
Bit 1: CKS0
Description
00
UBCTRG pulse width is
φ
(Initial value)
1
UBCTRG pulse width is
φ/4
10
UBCTRG pulse width is
φ/8
1
UBCTRG pulse width is
φ/16
Note:
φ: Internal clock
• Bit 0—User Break Disable (UBID): Enables or disables user break interrupt request generation
in the event of a user break condition match.
Bit 0: UBID
Description
0
User break interrupt request is enabled
(Initial value)
1
User break interrupt request is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com