Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 272Page - Renesas Technology Corp SH7052 Datasheet HTML 273Page - Renesas Technology Corp SH7052 Datasheet HTML 274Page - Renesas Technology Corp SH7052 Datasheet HTML 275Page - Renesas Technology Corp SH7052 Datasheet HTML 276Page - Renesas Technology Corp SH7052 Datasheet HTML 277Page - Renesas Technology Corp SH7052 Datasheet HTML 278Page - Renesas Technology Corp SH7052 Datasheet HTML 279Page - Renesas Technology Corp SH7052 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 919 page
background image
250
Timer Status Registers 6 and 7 (TSR6, TSR7)
TSR6 and TRS7 indicate the channel 6 and 7 free-running counter up-count and down-count
status, and cycle register compare status.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
UDxD
UDxC
UDxB
UDxA
CMFxD
CMFxC
CMFxB
CMFxA
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.
x = 6 or 7
UDxA to UDxD relate to TSR6 only. Bits relating to TSR7 always read 0.
• Bits 15 to 8—Reserved: These bits always read 0. The write value should always be 0.
• Bit 7—Count-Up/Count-Down Flag 6D (UD6D): Status flag that indicates the TCNT6D count
operation.
Bit 7: UD6D
Description
0
Free-running counter TCNT6D operates as an up-counter
1
Free-running counter TCNT6D operates as a down-counter
• Bit 6—Count-Up/Count-Down Flag 6C (UD6C): Status flag that indicates the TCNT6C count
operation.
Bit 6: UD6C
Description
0
Free-running counter TCNT6C operates as an up-counter
1
Free-running counter TCNT6C operates as a down-counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com