Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 273Page - Renesas Technology Corp SH7052 Datasheet HTML 274Page - Renesas Technology Corp SH7052 Datasheet HTML 275Page - Renesas Technology Corp SH7052 Datasheet HTML 276Page - Renesas Technology Corp SH7052 Datasheet HTML 277Page - Renesas Technology Corp SH7052 Datasheet HTML 278Page - Renesas Technology Corp SH7052 Datasheet HTML 279Page - Renesas Technology Corp SH7052 Datasheet HTML 280Page - Renesas Technology Corp SH7052 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 919 page
background image
251
• Bit 5—Count-Up/Count-Down Flag 6B (UD6B): Status flag that indicates the TCNT6B count
operation.
Bit 5: UD6B
Description
0
Free-running counter TCNT6B operates as an up-counter
1
Free-running counter TCNT6B operates as a down-counter
• Bit 4—Count-Up/Count-Down Flag 6A (UD6A): Status flag that indicates the TCNT6A count
operation.
Bit 4: UD6A
Description
0
Free-running counter TCNT6A operates as an up-counter
1
Free-running counter TCNT6A operates as a down-counter
• Bit 3—Cycle Register Compare-Match Flag 6D/7D (CMF6D/CMF7D): Status flag that
indicates CYLRxD compare-match.
Bit 3: CMFxD
Description
0
[Clearing condition]
(Initial value)
When CMFxD is read while set to 1, then 0 is written to CMFxD
1
[Setting conditions]
• When TCNTxD = CYLRxD (in non-complementary PWM mode)
•••• When TCNT6D = H'0000 in a down-count (in complementary PWM mode)
x = 6 or 7
• Bit 2—Cycle Register Compare-Match Flag 6C/7C (CMF6C/CMF7C): Status flag that
indicates CYLRxC compare-match.
Bit 2: CMFxC
Description
0
[Clearing condition]
(Initial value)
When CMFxC is read while set to 1, then 0 is written to CMFxC
1
[Setting conditions]
• When TCNTxC = CYLRxC (in non-complementary PWM mode)
•••• When TCNT6C = H'0000 in a down-count (in complementary PWM mode)
x = 6 or 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com