Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 274Page - Renesas Technology Corp SH7052 Datasheet HTML 275Page - Renesas Technology Corp SH7052 Datasheet HTML 276Page - Renesas Technology Corp SH7052 Datasheet HTML 277Page - Renesas Technology Corp SH7052 Datasheet HTML 278Page - Renesas Technology Corp SH7052 Datasheet HTML 279Page - Renesas Technology Corp SH7052 Datasheet HTML 280Page - Renesas Technology Corp SH7052 Datasheet HTML 281Page - Renesas Technology Corp SH7052 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 919 page
background image
252
• Bit 1—Cycle Register Compare-Match Flag 6B/7B (CMF6B/CMF7B): Status flag that
indicates CYLRxB compare-match.
Bit 1: CMFxB
Description
0
[Clearing condition]
(Initial value)
When CMFxB is read while set to 1, then 0 is written to CMFxB
1
[Setting conditions]
• When TCNTxB = CYLRxB (in non-complementary PWM mode)
•••• When TCNT6B = H'0000 in a down-count (in complementary PWM mode)
x = 6 or 7
• Bit 0—Cycle Register Compare-Match Flag 6A/7A (CMF6A/CMF7A): Status flag that
indicates CYLRxA compare-match.
Bit 0: CMFxA
Description
0
[Clearing condition]
(Initial value)
When CMFxA is read while set to 1, then 0 is written to CMFxA
1
[Setting conditions]
• When TCNTxA = CYLRxA (in non-complementary PWM mode)
•••• When TCNT6A = H'0000 in a down-count (in complementary PWM mode)
x = 6 or 7
Timer Status Register 8 (TSR8)
TSR8 indicates the channel 8 one-shot pulse status.
Bit:
15
14
13
12
11
10
9
8
OSF8P
OSF8O
OSF8N
OSF8M
OSF8L
OSF8K
OSF8J
OSF8I
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Bit:
7
6
5
4
3
2
1
0
OSF8H
OSF8G
OSF8F
OSF8E
OSF8D
OSF8C
OSF8B
OSF8A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com