Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 294Page - Renesas Technology Corp SH7052 Datasheet HTML 295Page - Renesas Technology Corp SH7052 Datasheet HTML 296Page - Renesas Technology Corp SH7052 Datasheet HTML 297Page - Renesas Technology Corp SH7052 Datasheet HTML 298Page - Renesas Technology Corp SH7052 Datasheet HTML 299Page - Renesas Technology Corp SH7052 Datasheet HTML 300Page - Renesas Technology Corp SH7052 Datasheet HTML 301Page - Renesas Technology Corp SH7052 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 919 page
background image
272
• Bit 8—Input Capture/Compare-Match Interrupt Enable 4D (IME4D): Enables or disables
interrupt requests by IMF4D in TSR3 when IMF4D is set to 1.
Bit 8: IME4D
Description
0
IMI4D interrupt requested by IMF4D is disabled
(Initial value)
1
IMI4D interrupt requested by IMF4D is enabled
• Bit 7—Input Capture/Compare-Match Interrupt Enable 4C (IME4C): Enables or disables
interrupt requests by IMF4C in TSR3 when IMF4C is set to 1.
Bit 7: IME4C
Description
0
IMI4C interrupt requested by IMF4C is disabled
(Initial value)
1
IMI4C interrupt requested by IMF4C is enabled
• Bit 6—Input Capture/Compare-Match Interrupt Enable 4B (IME4B): Enables or disables
interrupt requests by IMF4B in TSR3 when IMF4B is set to 1.
Bit 6: IME4B
Description
0
IMI4B interrupt requested by IMF4B is disabled
(Initial value)
1
IMI4B interrupt requested by IMF4B is enabled
• Bit 5—Input Capture/Compare-Match Interrupt Enable 4A (IME4A): Enables or disables
interrupt requests by IMF4A in TSR3 when IMF4A is set to 1.
Bit 5: IME4A
Description
0
IMI4A interrupt requested by IMF4A is disabled
(Initial value)
1
IMI4A interrupt requested by IMF4A is enabled
• Bit 4—Overflow Interrupt Enable 3 (OVE3): Enables or disables interrupt requests by OVF3
in TSR3 when OVF3 is set to 1.
Bit 4: OVE3
Description
0
OVI3 interrupt requested by OVF3 is disabled
(Initial value)
1
OVI3 interrupt requested by OVF3 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com