Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 296Page - Renesas Technology Corp SH7052 Datasheet HTML 297Page - Renesas Technology Corp SH7052 Datasheet HTML 298Page - Renesas Technology Corp SH7052 Datasheet HTML 299Page - Renesas Technology Corp SH7052 Datasheet HTML 300Page - Renesas Technology Corp SH7052 Datasheet HTML 301Page - Renesas Technology Corp SH7052 Datasheet HTML 302Page - Renesas Technology Corp SH7052 Datasheet HTML 303Page - Renesas Technology Corp SH7052 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 919 page
background image
274
Timer Interrupt Enable Registers 6 and 7 (TIER6, TIER7)
TIER6 and TIER7 control enabling/disabling of channel 6 and 7 cycle register compare interrupt
requests.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
——
CMExD
CMExC
CMExB
CMExA
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
x = 6 or 7
• Bits 15 to 4—Reserved: These bits always read 0. The write value should always be 0.
• Bit 3—Cycle Register Compare-Match Interrupt Enable 6D/7D (CME6D/CME7D): Enables or
disables interrupt requests by CMFxD in TSR6 or TSR7 when CMFxD is set to 1. Setting the
DMAC while interrupt requests are enabled allows the DMAC to be activated by an interrupt
request.
Bit 3: CMExD
Description
0
CMIxD interrupt requested by CMFxD is disabled
(Initial value)
1
CMIxD interrupt requested by CMFxD is enabled
x = 6 or 7
• Bit 2—Cycle Register Compare-Match Interrupt Enable 6C/7C (CME6C/CME7C): Enables or
disables interrupt requests by CMFxC in TSR6 or TSR7 when CMFxC is set to 1. Setting the
DMAC while interrupt requests are enabled allows the DMAC to be activated by an interrupt
request.
Bit 2: CMExC
Description
0
CMIxC interrupt requested by CMFxC is disabled
(Initial value)
1
CMIxC interrupt requested by CMFxC is enabled
x = 6 or 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com