Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 298Page - Renesas Technology Corp SH7052 Datasheet HTML 299Page - Renesas Technology Corp SH7052 Datasheet HTML 300Page - Renesas Technology Corp SH7052 Datasheet HTML 301Page - Renesas Technology Corp SH7052 Datasheet HTML 302Page - Renesas Technology Corp SH7052 Datasheet HTML 303Page - Renesas Technology Corp SH7052 Datasheet HTML 304Page - Renesas Technology Corp SH7052 Datasheet HTML 305Page - Renesas Technology Corp SH7052 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 919 page
background image
276
• Bit 15—One-Shot Pulse Interrupt Enable 8P (OSE8P): Enables or disables interrupt requests
by OSF8P in TSR8 when OSF8P is set to 1.
Bit 15: OSE8P
Description
0
OSI8P interrupt requested by OSF8P is disabled
(Initial value)
1
OSI8P interrupt requested by OSF8P is enabled
• Bit 14—One-Shot Pulse Interrupt Enable 8O (OSE8O): Enables or disables interrupt requests
by OSF8O in TSR8 when OSF8O is set to 1.
Bit 14: OSE8O
Description
0
OSI8O interrupt requested by OSF8O is disabled
(Initial value)
1
OSI8O interrupt requested by OSF8O is enabled
• Bit 13—One-Shot Pulse Interrupt Enable 8N (OSE8N): Enables or disables interrupt requests
by OSF8N in TSR8 when OSF8N is set to 1.
Bit 13: OSE8N
Description
0
OSI8N interrupt requested by OSF8N is disabled
(Initial value)
1
OSI8N interrupt requested by OSF8N is enabled
• Bit 12—One-Shot Pulse Interrupt Enable 8M (OSE8M): Enables or disables interrupt requests
by OSF8M in TSR8 when OSF8M is set to 1.
Bit 12: OSE8M
Description
0
OSI8M interrupt requested by OSF8M is disabled
(Initial value)
1
OSI8M interrupt requested by OSF8M is enabled
• Bit 11—One-Shot Pulse Interrupt Enable 8L (OSE8L): Enables or disables interrupt requests
by OSF8L in TSR8 when OSF8L is set to 1.
Bit 11: OSE8L
Description
0
OSI8L interrupt requested by OSF8L is disabled
(Initial value)
1
OSI8L interrupt requested by OSF8L is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com