Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 305Page - Renesas Technology Corp SH7052 Datasheet HTML 306Page - Renesas Technology Corp SH7052 Datasheet HTML 307Page - Renesas Technology Corp SH7052 Datasheet HTML 308Page - Renesas Technology Corp SH7052 Datasheet HTML 309Page - Renesas Technology Corp SH7052 Datasheet HTML 310Page - Renesas Technology Corp SH7052 Datasheet HTML 311Page - Renesas Technology Corp SH7052 Datasheet HTML 312Page - Renesas Technology Corp SH7052 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 919 page
background image
283
Bit 2: ITVE8
Description
0
Interrupt request (ITV1) by rise of TCNT0 bit 8 is disabled
(Initial value)
1
Interrupt request (ITV1) by rise of TCNT0 bit 8 is enabled
• Bit 1—Interval Interrupt Bit 7 (ITVE7): INTC interval interrupt setting bit corresponding to bit
7 in TCNT0. The rise of bit 7 in TCNT0 is ANDed with ITVE7, the result is stored in IIF1 in
TSR0, and an interrupt request is sent to the CPU.
Bit 1: ITVE7
Description
0
Interrupt request (ITV1) by rise of TCNT0 bit 7 is disabled
(Initial value)
1
Interrupt request (ITV1) by rise of TCNT0 bit 7 is enabled
• Bit 0—Interval Interrupt Bit 6 (ITVE6): INTC interval interrupt setting bit corresponding to bit
6 in TCNT0. The rise of bit 6 in TCNT0 is ANDed with ITVE6, the result is stored in IIF1 in
TSR0, and an interrupt request is sent to the CPU.
Bit 0: ITVE6
Description
0
Interrupt request (ITV1) by rise of TCNT0 bit 6 is disabled
(Initial value)
1
Interrupt request (ITV1) by rise of TCNT0 bit 6 is enabled
Interval Interrupt Request Registers 2A and 2B (ITVRR2A, ITVRR2B)
Bit:
7
6
5
4
3
2
1
0
ITVA13x ITVA12x ITVA11x ITVA10x ITVE13x ITVE12x ITVE11x ITVE10x
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
x = A or B
• Bit 7—A/D0 / A/D1 Converter Interval Activation Bit 13A/13B (ITVA13A/ITVA13B): A/D0
or A/D1 (ITVRR2A: A/D0; ITVRR2B: A/D1) converter activation setting bit corresponding to
bit 13 in TCNT0. The rise of bit 13 in TCNT0 is ANDed with ITVA13x, and the result is
output to the A/D0 or A/D1 converter as an activation signal.
Bit 7: ITVA13x
Description
0
A/D0 or A/D1 converter activation by rise of TCNT0 bit 13 is disabled
(Initial value)
1
A/D0 or A/D1 converter activation by rise of TCNT0 bit 13 is enabled
x = A or B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com