Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 307Page - Renesas Technology Corp SH7052 Datasheet HTML 308Page - Renesas Technology Corp SH7052 Datasheet HTML 309Page - Renesas Technology Corp SH7052 Datasheet HTML 310Page - Renesas Technology Corp SH7052 Datasheet HTML 311Page - Renesas Technology Corp SH7052 Datasheet HTML 312Page - Renesas Technology Corp SH7052 Datasheet HTML 313Page - Renesas Technology Corp SH7052 Datasheet HTML 314Page - Renesas Technology Corp SH7052 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 919 page
background image
285
• Bit 3—Interval Interrupt Bit 13A/13B (ITVE13A/ITVE13B): INTC interval interrupt setting
bit corresponding to bit 13 in TCNT0. The rise of bit 13 in TCNT0 is ANDed with ITVE13x,
the result is stored in IIF2x in TSR0, and an interrupt request is sent to the CPU.
Bit 3: ITVE13x
Description
0
Interrupt request (ITV2x) by rise of TCNT0 bit 13 is disabled
(Initial value)
1
Interrupt request (ITV2x) by rise of TCNT0 bit 13 is enabled
x = A or B
• Bit 2—Interval Interrupt Bit 12A/12B (ITVE12A/ITVE12B): INTC interval interrupt setting
bit corresponding to bit 12 in TCNT0. The rise of bit 12 in TCNT0 is ANDed with ITVE12x,
the result is stored in IIF2x in TSR0, and an interrupt request is sent to the CPU.
Bit 2: ITVE12x
Description
0
Interrupt request (ITV2x) by rise of TCNT0 bit 12 is disabled
(Initial value)
1
Interrupt request (ITV2x) by rise of TCNT0 bit 12 is enabled
x = A or B
• Bit 1—Interval Interrupt Bit 11A/11B (ITVE11A/ITVE11B): INTC interval interrupt setting
bit corresponding to bit 11 in TCNT0. The rise of bit 11 in TCNT0 is ANDed with ITVE11x,
the result is stored in IIF2x in TSR0, and an interrupt request is sent to the CPU.
Bit 1: ITVE11x
Description
0
Interrupt request (ITV2x) by rise of TCNT0 bit 11 is disabled
(Initial value)
1
Interrupt request (ITV2x) by rise of TCNT0 bit 11 is enabled
x = A or B
• Bit 0—Interval Interrupt Bit 10 (ITVE10): INTC interval interrupt setting bit corresponding to
bit 10 in TCNT0. The rise of bit 10 in TCNT0 is ANDed with ITVE10x, the result is stored in
IIF2x in TSR0, and an interrupt request is sent to the CPU.
Bit 0: ITVE10x
Description
0
Interrupt request (ITV2x) by rise of TCNT0 bit 10 is disabled
(Initial value)
1
Interrupt request (ITV2x) by rise of TCNT0 bit 10 is enabled
x = A or B
For details, see section 10.3.7, Interval Timer Functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com