Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 308Page - Renesas Technology Corp SH7052 Datasheet HTML 309Page - Renesas Technology Corp SH7052 Datasheet HTML 310Page - Renesas Technology Corp SH7052 Datasheet HTML 311Page - Renesas Technology Corp SH7052 Datasheet HTML 312Page - Renesas Technology Corp SH7052 Datasheet HTML 313Page - Renesas Technology Corp SH7052 Datasheet HTML 314Page - Renesas Technology Corp SH7052 Datasheet HTML 315Page - Renesas Technology Corp SH7052 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 919 page
background image
286
10.2.8
Trigger Mode Register (TRGMDR)
The trigger mode register (TRGMDR) is an 8-bit register. The ATU-II has one TRGMDR register.
Bit:
7
6
5
4
3
2
1
0
TRGMD
——
——
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R
R
R
R
R
R
TRGMDR is an 8-bit readable/writable register that selects whether a channel 1 compare-match is
used as a channel 8 one-shot pulse start trigger or as a one-shot pulse terminate trigger when
channel 1 and channel 8 are used in combination.
TRGMDR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Trigger Mode Selection Register (TRGMD): Selects the channel 8 one-shot pulse start
trigger/one-shot pulse terminate trigger setting.
Bit 7: TRGMD
Description
0
One-shot pulse start trigger (TCNT1B = OCR1)
(Initial value)
One-shot pulse terminate trigger (TCNT1A = GR1A to GR1H)
1
One-shot pulse start trigger (TCNT1A = GR1A to GR1H)
One-shot pulse terminate trigger (TCNT1B = OCR1)
• Bits 6 to 0—Reserved: These bits always read 0. The write value should always be 0.
10.2.9
Timer Mode Register (TMDR)
The timer mode register (TMDR) is an 8-bit register. The ATU-II has one TDR register.
Bit:
7
6
5
4
3
2
1
0
——
——
—
T5PWM T4PWM T3PWM
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
TMDR is an 8-bit readable/writable register that specifies whether channels 3 to 5 are used in
input capture/output compare mode or PWM mode.
TMDR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com