Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 30Page - Renesas Technology Corp SH-2 Datasheet HTML 31Page - Renesas Technology Corp SH-2 Datasheet HTML 32Page - Renesas Technology Corp SH-2 Datasheet HTML 33Page - Renesas Technology Corp SH-2 Datasheet HTML 34Page - Renesas Technology Corp SH-2 Datasheet HTML 35Page - Renesas Technology Corp SH-2 Datasheet HTML 36Page - Renesas Technology Corp SH-2 Datasheet HTML 37Page - Renesas Technology Corp SH-2 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 919 page
background image
8
1.3
Pin Description
1.3.1
Pin Arrangement
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
PB9/RxD3/TO8F
PB8/TxD3/TO8E
PB7/TO7D/TO8D
PB6/TO7C/TO8C
PB5/TO7B/TO8B
PB4/TO7A/TO8A
PB3/TO6D
Vss
PB2/TO6C
PVcc2
PB1/TO6B
PB0/TO6A
PA15/RxD0
PA14/TxD0
PA13/TIO5B
PA12/TIO5A
PA11/TIO4D
PA10/TIO4C
PA9/TIO4B
PA8/TIO4A
PA7/TIO3D
PA6/TIO3C
PA5/TIO3B
Vss
PA4/TIO3A
Vcc
PA3/TI0D
PA2/TI0C
Vss
PA1/TI0B
PVcc2
PA0/TI0A
WDTOVF
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
AVss
AVref
AVcc
PK13/TO8N
PVcc2
PK14/TO8O
Vss
PK15/TO8P
AUDRST
AUDMD
AUDATA0
AUDATA1
AUDATA2
AUDATA3
AUDCK
AUDSYNC
PD0/TIO1A
PD1/TIO1B
PD2/TIO1C
PD3/TIO1D
PVcc2
PD4/TIO1E
Vss
PD5/TIO1F
PD6/TIO1G
PD7/TIO1H
PD8/PULS0
PD9/PULS1
PD10/PULS2
Vcc
PD11/PULS3
Vss
PD12/PULS4
PD13/PULS6/HTxD
PE0/A0
PE1/A1
PE2/A2
PE3/A3
PE4/A4
PE5/A5
PVcc1
PE6/A6
Vss
PE7/A7
PE8/A8
PE9/A9
PE10/A10
PE11/A11
PE12/A12
PE13/A13
PE14/A14
PVcc1
PE15/A15
Vss
PF0/A16
FP-208A
(Top view)
INDEX
Figure 1.2 Pin Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com