Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 78Page - Renesas Technology Corp SH-2 Datasheet HTML 79Page - Renesas Technology Corp SH-2 Datasheet HTML 80Page - Renesas Technology Corp SH-2 Datasheet HTML 81Page - Renesas Technology Corp SH-2 Datasheet HTML 82Page - Renesas Technology Corp SH-2 Datasheet HTML 83Page - Renesas Technology Corp SH-2 Datasheet HTML 84Page - Renesas Technology Corp SH-2 Datasheet HTML 85Page - Renesas Technology Corp SH-2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 919 page
background image
56
4.1.2
Pin Configuration
The pins relating to the clock pulse generator are shown in table 4.1.
Table 4.1
CPG Pins
Pin Name
Abbreviation
I/O
Description
External clock
EXTAL
Input
Crystal resonator or external clock input
Crystal
XTAL
Input
Crystal resonator connection
System clock
CK
Output
System clock output
PLL power supply
PLLV
CC
Input
PLL multiplier circuit power supply
PLL ground
PLLV
SS
Input
PLL multiplier circuit ground
PLL capacitance
PLLCAP
Input
PLL multiplier circuit oscillation external
capacitance pin
4.2
Frequency Ranges
The input frequency and operating frequency ranges are shown in table 4.2.
Table 4.2
Input Frequency and Operating Frequency
Input Frequency Range
(MHz)
PLL Multiplication Factor
Operating Frequency Range
(MHz)
5 to 10
×4
20 to 40
Note:
Crystal resonator and external clock input
For the chip operating frequency, a frequency of 4 times the input frequency (EXTAL pin) is
generated as the internal clock (
φ) by the on-chip PLL circuit. The system clock (CK pin) output
frequency is the same as that of the internal clock (
φ).
Some on-chip peripheral modules operate on a peripheral clock (P
φ) obtained by dividing the
internal clock (
φ) by 2. Figure 4.2 shows the relationship between the various clocks. As regards
the system clock, since the input clock is multiplied by the PLL multiplier circuit, the phases of
both clocks are not determined uniformly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com