Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 81Page - Renesas Technology Corp SH-2 Datasheet HTML 82Page - Renesas Technology Corp SH-2 Datasheet HTML 83Page - Renesas Technology Corp SH-2 Datasheet HTML 84Page - Renesas Technology Corp SH-2 Datasheet HTML 85Page - Renesas Technology Corp SH-2 Datasheet HTML 86Page - Renesas Technology Corp SH-2 Datasheet HTML 87Page - Renesas Technology Corp SH-2 Datasheet HTML 88Page - Renesas Technology Corp SH-2 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 919 page
background image
59
XTAL
EXTAL
Open
External clock input
Figure 4.5 External Clock Input Method (Example)
4.4
Usage Notes
Notes on Board Design: When connecting a crystal oscillator, observe the following precautions:
• To prevent induction from interfering with correct oscillation, do not route any signal lines
near the oscillator circuitry (figure 4.6).
• When designing the board, place the crystal oscillator and its load capacitors as close as
possible to the XTAL and EXTAL pins.
Figure 4.6 shows the precautions regarding oscillator circuit system board design.
Crossing of signal
lines prohibited
CL1
XTAL
EXTAL
CL2
Figure 4.6 Precautions for Oscillator Circuit System Board Design
PLL Oscillation Power Supply: Place oscillation capacitor C1 and resistor R1 close to the PLL
CAP pin, and ensure that no other signal lines cross this line. Supply the C1 ground from PLLV
SS.
Separate PLLV
CC and PLLVSS from the other VCC and VSS lines at the board power supply source,
and be sure to insert bypass capacitors C
PB and CB close to the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com