Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 32Page - Renesas Technology Corp SH-2 Datasheet HTML 33Page - Renesas Technology Corp SH-2 Datasheet HTML 34Page - Renesas Technology Corp SH-2 Datasheet HTML 35Page - Renesas Technology Corp SH-2 Datasheet HTML 36Page - Renesas Technology Corp SH-2 Datasheet HTML 37Page - Renesas Technology Corp SH-2 Datasheet HTML 38Page - Renesas Technology Corp SH-2 Datasheet HTML 39Page - Renesas Technology Corp SH-2 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 919 page
background image
10
Table 1.2
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name
Function
Clock
PLLV
CC
32
Input
PLL power
supply
On-chip PLL oscillator power
supply.
For power supply connection,
see section 4, Clock Pulse
Generator.
PLLV
SS
34
Input
PLL ground
On-chip PLL oscillator ground.
For power supply connection,
see section 4, Clock Pulse
Generator.
PLLCAP
33
Input
PLL
capacitance
On-chip PLL oscillator
external capacitance
connection pin.
For external capacitance
connection, see section 4,
Clock Pulse Generator.
EXTAL
24
Input
External clock
For connection to a crystal
resonator. An external clock
source can also be connected
to the EXTAL pin.
XTAL
26
Input
Crystal
For connection to a crystal
resonator.
CK
20
Output
System clock
Supplies the system clock to
peripheral devices.
System control
RES
30
Input
Power-on
reset
Executes a power-on reset
when driven low.
WDTOVF
72
Output
Watchdog
timer overflow
WDT overflow output signal.
BREQ
17
Input
Bus request
Driven low when an external
device requests the bus.
BACK
16
Output
Bus request
acknowledge
Indicates that the bus has
been granted to an external
device. The device that output
the
BREQ signal recognizes
that the bus has been
acquired when it receives the
BACK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com