Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 3Page - Renesas Technology Corp SH-2 Datasheet HTML 4Page - Renesas Technology Corp SH-2 Datasheet HTML 5Page - Renesas Technology Corp SH-2 Datasheet HTML 6Page - Renesas Technology Corp SH-2 Datasheet HTML 7Page - Renesas Technology Corp SH-2 Datasheet HTML 8Page - Renesas Technology Corp SH-2 Datasheet HTML 9Page - Renesas Technology Corp SH-2 Datasheet HTML 10Page - Renesas Technology Corp SH-2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 919 page
background image
Main Revisions and Additions in this Edition
Page
Item
Revisions (See Manual for Details)
8
1.3.1 Pin Arrangement
Name of 155 th pin amended (PK11/TO8L)
61
5.1.1 Types of Exception
Processing and Priority
Table 5.1 Types of Exception Processing and Priority
Order
Compare match timer (CMT1), A/D converter channel 1
(A/D1) added
Module abbreviations amended: CMT0, A/D0
160
9.3.5 Dual Address Mode
Figure 9.5 Dual Address Mode and Indirect Address
Operation (16-Bit-Width External Memory Space)
Description of 1st and 2nd bus cycles amended
If the data bus is 16 bits wide when the external
memory space is accessed, two bus cycles are
necessary.
217
10.2.3 Timer Control Registers
(TCR)
Timer Control Register 9A, 9B, 9C (TCR9A, TCR9B,
TCR9C) Description of Bits 1 and 0 amended
x=A, C, or E
306
10.2.15 Free-Running Counters
(TCNT)
Description of Free-Running Counter 0 added
When the bits corresponding to the timer start register 1
(TSTR1) are set to 1, this counter starts to count.
307
Description of Free-Running Counters 1A, 1B, 2A, 2B,
3, 4, 5, 11 added
When the bits corresponding to the timer start register
1, 3 (TSTR1, TSTR3) are set to 1, these counters start
to count.
335
10.3.1 Overview
Description of Channel 2 amended
337
Description of Channel 10 amended
348
10.3.9 PWM Timer Function
Description amended
..., and H'0002, H'0003, H'0004 (100%), and H'0000
(0%) in BFR6A.
375
10.6 Sample Setup Procedures Sample Setup Procedure for Channel 0 Input Capture
Triggered by Channel 10 Compare-Match
Register name amended
399
Writing to ROM Area
Immediately after ATU Register
Write
Description added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com