Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C13 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 79Page - Renesas Technology Corp R8C13 Datasheet HTML 80Page - Renesas Technology Corp R8C13 Datasheet HTML 81Page - Renesas Technology Corp R8C13 Datasheet HTML 82Page - Renesas Technology Corp R8C13 Datasheet HTML 83Page - Renesas Technology Corp R8C13 Datasheet HTML 84Page - Renesas Technology Corp R8C13 Datasheet HTML 85Page - Renesas Technology Corp R8C13 Datasheet HTML 86Page - Renesas Technology Corp R8C13 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 72 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.3 PREX Register, TX Register, and TCSS Register
Bit name
Function
Bit symbol
Timer X count source
select bit(1)
b1 b0
TXCK1
TXCK0
TYCK0
Timer Y count source
select bit(1)
TZCK0
TYCK1
TZCK1
Must be set to “0”
(b7-b6)
Reserved bit
Timer Z count source
select bit(1)
NOTES:
1. Avoid switching a count source, while a counter is in progress. Timer counter must be stopped before switching a count
source.
Timer count source setting register
SymbolAddressAfter reset
TCSS008E16
0016
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : f2
b3 b2
0 0 : f1
0 1 : f8
1 0 : fRING
1 1 : Selects input from CNTR1 pin
b5 b4
0 0 : f1
0 1 : f8
1 0 : Selects Timer Y underflow
1 1 : f2
RW
RW
RW
RW
RW
RW
RW
RW
0
0
Symbol
Address
After reset
TX
008D16
FF16
Underflow of Prescaler X is counted
Function
Timer X Register
Symbol
Address
After reset
PREX
008C16
FF16
b7
b0
RW
Internal count source is counted
Function
Setting range
Prescaler X Register
b7
b0
0016 to FF16
0016 to FF16
Internal count source is counted
0016 to FF16
Externally input pulses are counted
0016 to FF16
Pulse width of externally input
pulses is measured
(Internal count source is counted)
0016 to FF16
Pulse period of externally input
pulses is measured
(Internal count source is counted)
0016 to FF16
Timer mode
Pulse output mode
Event counter mode
Pulse width
measurement mode
Pulse period
measurement mode
Mode
RW
RW
RW
RW
RW
RW
RW
Setting range
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com