Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C13 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 26Page - Renesas Technology Corp R8C13 Datasheet HTML 27Page - Renesas Technology Corp R8C13 Datasheet HTML 28Page - Renesas Technology Corp R8C13 Datasheet HTML 29Page - Renesas Technology Corp R8C13 Datasheet HTML 30Page - Renesas Technology Corp R8C13 Datasheet HTML 31Page - Renesas Technology Corp R8C13 Datasheet HTML 32Page - Renesas Technology Corp R8C13 Datasheet HTML 33Page - Renesas Technology Corp R8C13 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 19 of 205
REJ09B0111-0120
R8C/13 Group
Figure 5.6 Power-on Reset Operation
Vpor1
Vcc min
Vdet3
Vdet(3)
tw(por1) tw(Vpor1–Vdet)
Sampling time(1, 2)
Internal reset signal
(“L” effective)
fRING-S
1
X 32
fRING-S
1
X 32
Vpor2
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock is selectable. Refer to “5.4 Voltage Detection Circuit” for details.
3. Vdet shows the voltage detection level of the voltage detection circuit. Refer to “5.4 Voltage Detection Circuit” for details.
4. Refer to Table 16.7, 16.8 for electrical characteristics.
tw(por2) tw(Vpor2 –Vdet)
RESET
Vcc
about 5 k
Ω
within td(P-R)
0.1V to 2.7V
VCC
0V
0V
RESET
0.8VCC or above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com