Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C13 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 89Page - Renesas Technology Corp R8C13 Datasheet HTML 90Page - Renesas Technology Corp R8C13 Datasheet HTML 91Page - Renesas Technology Corp R8C13 Datasheet HTML 92Page - Renesas Technology Corp R8C13 Datasheet HTML 93Page - Renesas Technology Corp R8C13 Datasheet HTML 94Page - Renesas Technology Corp R8C13 Datasheet HTML 95Page - Renesas Technology Corp R8C13 Datasheet HTML 96Page - Renesas Technology Corp R8C13 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 82 of 205
REJ09B0111-0120
R8C/13 Group
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
SymbolAddressAfter reset
PUM008416
0016
b7 b6 b5 b4 b3 b2 b1 b0
NOTES:
1. The INOSEG bit is valid only when the INT0PL bit in the INTEN register is "0" (one-edge).
2. The INOSGT bit must be set to "1" after the INT0EN bit in the INTEN register and the INOSEG bit in the PUM register
are set.
0
0
0
0
TYOPL
TZOPL
INOSEG
INOSTG
INT0 pin one-shot trigger
polarity select bit(1)
Timer Z output level
latch
Timer Y output level
latch
INT0 pin one-shot trigger
control bit(2)
Function varies depending on the operation mode
Function varies depending on the operation mode
0 : Edge trigger at falling edge
1 : Edge trigger at rising edge
(Timer Z)
(Timer Z)
0 : INT0 pin one-shot trigger invalid
1 : INT0 pin one-shot trigger valid
(b3-b0)
Reserved bit
Must set to “0”
RW
RW
RW
RW
RW
RW
Figure 12.14 PUM Register and TCSS Register
Bit name
Function
Bit symbol
Timer X count source
select bit(1)
b1 b0
TXCK1
TXCK0
TYCK0
Timer Y count source
select bit(1)
TZCK0
TYCK1
TZCK1
Must be set to “0”
(b7-b6)
Reserved bit
Timer Z count source
select bit(1)
NOTES:
1. Avoid switching a count source, while a counter is in progress. Timer counter must be stopped before switching a count
source.
Timer count source setting register
SymbolAddressAfter reset
TCSS008E16
0016
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : f2
b3 b2
0 0 : f1
0 1 : f8
1 0 : fRING
1 1 : Selects input from CNTR1 pin
b5 b4
0 0 : f1
0 1 : f8
1 0 : Selects Timer Y underflow
1 1 : f2
RW
RW
RW
RW
RW
RW
RW
RW
0
0
12.2 Timer (Timer Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com