Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C13 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 9Page - Renesas Technology Corp R8C13 Datasheet HTML 10Page - Renesas Technology Corp R8C13 Datasheet HTML 11Page - Renesas Technology Corp R8C13 Datasheet HTML 12Page - Renesas Technology Corp R8C13 Datasheet HTML 13Page - Renesas Technology Corp R8C13 Datasheet HTML 14Page - Renesas Technology Corp R8C13 Datasheet HTML 15Page - Renesas Technology Corp R8C13 Datasheet HTML 16Page - Renesas Technology Corp R8C13 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 2 of 205
REJ09B0111-0120
R8C/13 Group
1. Overview
Table 1.1 Performance outline
1.2 Performance Overview
Table 1.1. lists the performance outline of this MCU.
Item
Performance
CPU
Number of basic instructions 89 instructions
Minimum instruction execution time
50 ns (f(XIN) = 20 MHZ, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHZ, VCC = 2.7 to 5.5 V)
Operating mode
Single-chip
Address space
1M bytes
Memory capacity
See Table 1.2.
Peripheral
Port
Input/Output: 22 (including LED drive port), Input: 2
function
LED drive port
I/O port: 8
Timer
Timer X: 8 bits x 1 channel, Timer Y: 8 bits x 1 channel,
Timer Z: 8 bits x 1 channel
(Each timer equipped with 8-bit prescaler)
Timer C: 16 bits x 1 channel
(Circuits of input capture and output compare)
Serial interface
•1 channel
Clock synchronous, UART
•1 channel
UART
A/D converter
10-bit A/D converter: 1 circuit, 12 channels
Watchdog timer
15 bits x 1 (with prescaler)
Reset start function selectable
Interrupt
Internal: 11 factors, External: 5 factors,
Software: 4 factors, Priority level: 7 levels
Clock generation circuit
2 circuits
•Main clock generation circuit (Equipped with a built-in
feedback resistor)
•On-chip oscillator (high-speed, low-speed)
On high-speed on-chip oscillator the frequency adjust-
ment function is usable.
Oscillation stop detection function Main clock oscillation stop detection function
Voltage detection circuit
Included
Power on reset circuit
Included
Electrical
Supply voltage
VCC = 3.0 to 5.5V (f(XIN) = 20MHZ)
characteristics
VCC = 2.7 to 5.5V (f(XIN) = 10MHZ)
Power consumption
Typ.9 mA (VCC = 5.0V, (f(XIN) = 20MHZ)
Typ.5 mA (VCC = 3.0V, (f(XIN) = 10MHZ)
Typ.35
µA (VCC = 3.0V, Wait mode, Peripheral clock stops)
Typ.0.7
µA (VCC = 3.0V, Stop mode)
Flash memory Program/erase supply voltage VCC = 2.7 to 5.5 V
Program/erase endurance
10,000 times (Data flash)
1,000 times (Program ROM)
Operating ambient temperature
-20 to 85°C
-40 to 85°C (D-version)
Package
32-pin plastic mold LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com