Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C13 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 15Page - Renesas Technology Corp R8C13 Datasheet HTML 16Page - Renesas Technology Corp R8C13 Datasheet HTML 17Page - Renesas Technology Corp R8C13 Datasheet HTML 18Page - Renesas Technology Corp R8C13 Datasheet HTML 19Page - Renesas Technology Corp R8C13 Datasheet HTML 20Page - Renesas Technology Corp R8C13 Datasheet HTML 21Page - Renesas Technology Corp R8C13 Datasheet HTML 22Page - Renesas Technology Corp R8C13 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 8 of 205
REJ09B0111-0120
R8C/13 Group
2. Central Processing Unit (CPU)
2.2 Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing.
They also are used for transfer, arithmetic and logic operations. The same applies to A1 as A0. A0 can be
combined with A0 to be used as a 32-bit address register (A1A0).
2.3 Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4 Interrupt Table Register (INTB)
INTB is a 20-bit register indicates the start address of an interrupt vector table.
2.5 Program Counter (PC)
PC, 20 bits wide, indicates the address of an instruction to be executed.
2.6 User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointer (SP), USP and ISP, are 16 bits wide each.
The U flag of FLG is used to switch between USP and ISP.
2.7 Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8 Flag Register (FLG)
FLG is a 11-bit register indicating the CPU state.
2.8.1 Carry Flag (C)
The C flag retains a carry, borrow, or shift-out bit that has occurred in the arithmetic logic unit.
2.8.2 Debug Flag (D)
The D flag is for debug only. Set to “0”.
2.8.3 Zero Flag (Z)
The Z flag is set to “1” when an arithmetic operation resulted in 0; otherwise, “0”.
2.8.4 Sign Flag (S)
The S flag is set to “1” when an arithmetic operation resulted in a negative value; otherwise, “0”.
2.8.5 Register Bank Select Flag (B)
The register bank 0 is selected when the B flag is “0”. The register bank 1 is selected when this flag is
set to “1”.
2.8.6 Overflow Flag (O)
The O flag is set to “1” when the operation resulted in an overflow; otherwise, “0”.
2.8.7 Interrupt Enable Flag (I)
The I flag enables a maskable interrupt.
An interrupt is disabled when the I flag is set to “0”, and are enabled when the I flag is set to “1”. The
I flag is set to “0” when an interrupt request is acknowledged.
2.8.8 Stack Pointer Select Flag (U)
ISP is selected when the U flag is set to “0”, USP is selected when the U flag is set to “1”.
The U flag is set to “0” when a hardware interrupt request is acknowledged or the INT instruction of
software interrupt numbers 0 to 31 is executed.
2.8.9 Processor Interrupt Priority Level (IPL)
IPL, 3 bits wide, assigns processor interrupt priority levels from level 0 to level 7.
If a requested interrupt has greater priority than IPL, the interrupt is enabled.
2.8.10 Reserved Bit
When write to this bit, set to “0”. When read, its content is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com