Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 393Page - Renesas Technology Corp M30620ECFS Datasheet HTML 394Page - Renesas Technology Corp M30620ECFS Datasheet HTML 395Page - Renesas Technology Corp M30620ECFS Datasheet HTML 396Page - Renesas Technology Corp M30620ECFS Datasheet HTML 397Page - Renesas Technology Corp M30620ECFS Datasheet HTML 398Page - Renesas Technology Corp M30620ECFS Datasheet HTML 399Page - Renesas Technology Corp M30620ECFS Datasheet HTML 400Page - Renesas Technology Corp M30620ECFS Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
382
2.7 A-D Converter
Frequency selection bit 0
A-D converter's operation clock
Min. conversion
cycles (Note 1)
Min. conversion
time (Note 2)
8-bit mode
8-bit mode
10-bit mode
10-bit mode
0
1
φAD =
4
fAD
φAD =
2
fAD
28 X
φAD
33 X
φAD
11.2µs
13.2µs
6.6µs
5.6µs
Frequency selection bit 1
0
1
Invalid
φAD = fAD
2.8µs
3.3µs
Table 2.7.1. Conversion time every operation clock
Note 1: The number of conversion cycles per one analog input pin.
Note 2: The conversion time per one analog input pin (when fAD = f(XIN) = 10 MHz)
2.7.1 Overview
The A-D converter used in the M16C/62 group operates on a successive conversion basis. The following
is an overview of the A-D converter.
(1) Mode
The A-D converter operates in one of five modes:
(a) One-shot mode
Carries out A-D conversion on input level of one specified pin only once.
(b) Repetition mode
Repeatedly carries out A-D conversion on input level of one specified pin.
(c) One-shot sweep mode
Carries out A-D conversion on input level of two or more specified pins only once.
(d) Repeated sweep mode 0
Repeatedly carries out A-D conversion on input level of two or more pins.
(e) Repeated sweep mode 1
Repeatedly carries out A-D conversion on input level of two or more pins. This mode is different from
the repeated sweep mode 0 in that weights can be assigned to specifing pins control the number of
conversion times.
(2) Operation clock
The operation clock in 5 V operation can be selected from the following: fAD, divide-by-2 fAD, and
divide-by-4 fAD. In 3 V operation, the selection is divide-by-2 fAD or divide-by-4. The fAD frequency is
equal to that of the CPU’s main clock.
(3) Conversion time
Number of conversion for A-D convertor varies depending on resolution as given. Table 2.7.1 shows
relation between the A-D converter operation clock and conversion time.
Sample & Hold function selected:
33
φAD cycles for 10-bit resolution, or 28 φAD cycles for 8-bit resolution
No Sample & Hold function:
59
φAD cycles for 10-bit resolution, or 49 φAD cycles for 8-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com