Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 77Page - Renesas Technology Corp M30620ECFS Datasheet HTML 78Page - Renesas Technology Corp M30620ECFS Datasheet HTML 79Page - Renesas Technology Corp M30620ECFS Datasheet HTML 80Page - Renesas Technology Corp M30620ECFS Datasheet HTML 81Page - Renesas Technology Corp M30620ECFS Datasheet HTML 82Page - Renesas Technology Corp M30620ECFS Datasheet HTML 83Page - Renesas Technology Corp M30620ECFS Datasheet HTML 84Page - Renesas Technology Corp M30620ECFS Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
______
INT Interrupt
66
______
INT Interrupt
________
________
INT0 to INT5 are triggered by the edges of external inputs. The edge polarity is selected using the polarity
select bit.
________
Of interrupt control registers, 004816 is used both as serial I/O4 and external interrupt INT5 input control
________
register, and 004916 is used both as serial I/O3 and as external interrupt INT4 input control register. Use the
interrupt request cause select bits - bits 6 and 7 of the interrupt request cause select register (035F16) - to
specify which interrupt request cause to select. After having set an interrupt request cause, be sure to clear
the corresponding interrupt request bit before enabling an interrupt.
Either of the interrupt control registers - 004816, 004916 - has the polarity-switching bit. Be sure to set this bit
to “0” to select an serial I/O as the interrupt request cause.
As for external interrupt input, an interrupt can be generated both at the rising edge and at the falling edge
by setting “1” in the INTi interrupt polarity switching bit of the interrupt request cause select register
(035F16). To select both edges, set the polarity switching bit of the corresponding interrupt control register
to ‘falling edge’ (“0”).
Figure 1.14.10 shows the Interrupt request cause select register.
Figure 1.14.10. Interrupt request cause select register
Interrupt request cause select register
Bit name
Function
Bit symbol
W
R
Symbol
Address
When reset
IFSR
035F16
0016
IFSR0
b7
b6
b5
b4
b3
b2
b1
b0
INT0 interrupt polarity
switching bit
0 : SIO3
1 : INT4
0 : SIO4
1 : INT5
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
INT1 interrupt polarity
switching bit
INT2 interrupt polarity
switching bit
INT3 interrupt polarity
switching bit
INT4 interrupt polarity
switching bit
INT5 interrupt polarity
switching bit
0 : One edge
1 : Two edges
Interrupt request cause
select bit
Interrupt request cause
select bit
IFSR1
IFSR2
IFSR3
IFSR4
IFSR5
IFSR6
IFSR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com