Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 96Page - Renesas Technology Corp M30620ECFS Datasheet HTML 97Page - Renesas Technology Corp M30620ECFS Datasheet HTML 98Page - Renesas Technology Corp M30620ECFS Datasheet HTML 99Page - Renesas Technology Corp M30620ECFS Datasheet HTML 100Page - Renesas Technology Corp M30620ECFS Datasheet HTML 101Page - Renesas Technology Corp M30620ECFS Datasheet HTML 102Page - Renesas Technology Corp M30620ECFS Datasheet HTML 103Page - Renesas Technology Corp M30620ECFS Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
85
Timer A
Figure 1.17.3 shows the block diagram of timer A. Figures 1.17.4 to 1.17.6 show the timer A-related
registers.
Except in event counter mode, timers A0 through A4 all have the same function. Use the timer Ai mode
register (i = 0 to 4) bits 0 and 1 to choose the desired mode.
Timer A has the four operation modes listed as follows:
• Timer mode: The timer counts an internal count source.
• Event counter mode: The timer counts pulses from an external source or a timer over flow.
• One-shot timer mode: The timer stops counting when the count reaches “000016”.
• Pulse width modulation (PWM) mode: The timer outputs pulses of a given width.
Figure 1.17.4. Timer A-related registers (1)
Count start flag
(Address 038016)
Up count/down count
TAi
Addresses
TAj
TAk
Timer A0
038716
038616
Timer A4
Timer A1
Timer A1
038916
038816
Timer A0
Timer A2
Timer A2
038B16
038A16
Timer A1
Timer A3
Timer A3
038D16
038C16
Timer A2
Timer A4
Timer A4
038F16
038E16
Timer A3
Timer A0
Always down count except
in event counter mode
Reload register (16)
Counter (16)
Low-order
8 bits
High-order
8 bits
Clock source
selection
• Timer
(gate function)
• Timer
• One shot
• PWM
f1
f8
f32
External
trigger
TAiIN
(i = 0 to 4)
TB2 overflow
• Event counter
fC32
Clock selection
TAj overflow
(j = i – 1. Note, however, that j = 4 when i = 0)
Pulse output
Toggle flip-flop
TAiOUT
(i = 0 to 4)
Data bus low-order bits
Data bus high-order bits
Up/down flag
Down count
(Address 038416)
TAk overflow
(k = i + 1. Note, however, that k = 0 when i = 4)
Polarity
selection
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
039616 to 039A16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot timer mode
1 1 : Pulse width modulation
(PWM) mode
b1 b0
TCK1
MR3
MR2
MR1
TMOD1
MR0
TMOD0
TCK0
Function varies with each operation mode
Count source select bit
(Function varies with each operation mode)
Operation mode select bit
Figure 1.17.3. Block diagram of timer A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com