Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 64Page - Renesas Technology Corp M30620ECFS Datasheet HTML 65Page - Renesas Technology Corp M30620ECFS Datasheet HTML 66Page - Renesas Technology Corp M30620ECFS Datasheet HTML 67Page - Renesas Technology Corp M30620ECFS Datasheet HTML 68Page - Renesas Technology Corp M30620ECFS Datasheet HTML 69Page - Renesas Technology Corp M30620ECFS Datasheet HTML 70Page - Renesas Technology Corp M30620ECFS Datasheet HTML 71Page - Renesas Technology Corp M30620ECFS Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
53
Hardware Interrupts
Hardware interrupts are classified into two types — special interrupts and peripheral I/O interrupts.
(1) Special interrupts
Special interrupts are non-maskable interrupts.
• Reset
____________
Reset occurs if an “L” is input to the RESET pin.
_______
• NMI interrupt
_______
_______
An NMI interrupt occurs if an “L” is input to the NMI pin.
________
• DBC interrupt
This interrupt is exclusively for the debugger, do not use it in other circumstances.
• Watchdog timer interrupt
Generated by the watchdog timer.
• Single-step interrupt
This interrupt is exclusively for the debugger, do not use it in other circumstances. With the debug
flag (D flag) set to “1”, a single-step interrupt occurs after one instruction is executed.
• Address match interrupt
An address match interrupt occurs immediately before the instruction held in the address indicated by
the address match interrupt register is executed with the address match interrupt enable bit set to “1”.
If an address other than the first address of the instruction in the address match interrupt register is set,
no address match interrupt occurs.
(2) Peripheral I/O interrupts
A peripheral I/O interrupt is generated by one of built-in peripheral functions. Built-in peripheral func-
tions are dependent on classes of products, so the interrupt factors too are dependent on classes of
products. The interrupt vector table is the same as the one for software interrupt numbers 0 through
31 the INT instruction uses. Peripheral I/O interrupts are maskable interrupts.
• Bus collision detection interrupt
This is an interrupt that the serial I/O bus collision detection generates.
• DMA0 interrupt, DMA1 interrupt
These are interrupts that DMA generates.
• Key-input interrupt
___
A key-input interrupt occurs if an “L” is input to the KI pin.
• A-D conversion interrupt
This is an interrupt that the A-D converter generates.
• UART0, UART1, UART2/NACK, SI/O3 and SI/O4 transmission interrupt
These are interrupts that the serial I/O transmission generates.
• UART0, UART1, UART2/ACK, SI/O3 and SI/O4 reception interrupt
These are interrupts that the serial I/O reception generates.
• Timer A0 interrupt through timer A4 interrupt
These are interrupts that timer A generates
• Timer B0 interrupt through timer B5 interrupt
These are interrupts that timer B generates.
________
________
• INT0 interrupt through INT5 interrupt
______
______
An INT interrupt occurs if either a rising edge or a falling edge or a both edge is input to the INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com