Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 91Page - Renesas Technology Corp M30620ECFS Datasheet HTML 92Page - Renesas Technology Corp M30620ECFS Datasheet HTML 93Page - Renesas Technology Corp M30620ECFS Datasheet HTML 94Page - Renesas Technology Corp M30620ECFS Datasheet HTML 95Page - Renesas Technology Corp M30620ECFS Datasheet HTML 96Page - Renesas Technology Corp M30620ECFS Datasheet HTML 97Page - Renesas Technology Corp M30620ECFS Datasheet HTML 98Page - Renesas Technology Corp M30620ECFS Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
DMAC
80
Single-chip mode
Memory expansion mode
Transfer unit
Bus width
Access address
Microprocessor mode
No. of read
No. of write
No. of read No. of write
cycles
cycles
cycles
cycles
16-bit
Even
1
1
1
1
8-bit transfers
(BYTE= “L”)
Odd
1
1
1
1
(DMBIT= “1”)
8-bit
Even
—
—
1
1
(BYTE = “H”)
Odd
—
—
1
1
16-bit
Even
1
1
1
1
16-bit transfers
(BYTE = “L”)
Odd
2
2
2
2
(DMBIT= “0”)
8-bit
Even
—
—
2
2
(BYTE = “H”)
Odd
—
—
2
2
Table 1.16.2. No. of DMAC transfer cycles
Internal memory
External memory
Internal ROM/RAM
Internal ROM/RAM
SFR area
Separate bus
Separate bus
Multiplex
No wait
With wait
No wait
With wait
bus
12
2
1
2
3
Coefficient j, k
(2) DMAC transfer cycles
Any combination of even or odd transfer read and write addresses is possible. Table 1.16.2 shows the
number of DMAC transfer cycles.
The number of DMAC transfer cycles can be calculated as follows:
No. of transfer cycles per transfer unit = No. of read cycles x j + No. of write cycles x k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com