Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 47Page - Renesas Technology Corp M30620ECFS Datasheet HTML 48Page - Renesas Technology Corp M30620ECFS Datasheet HTML 49Page - Renesas Technology Corp M30620ECFS Datasheet HTML 50Page - Renesas Technology Corp M30620ECFS Datasheet HTML 51Page - Renesas Technology Corp M30620ECFS Datasheet HTML 52Page - Renesas Technology Corp M30620ECFS Datasheet HTML 53Page - Renesas Technology Corp M30620ECFS Datasheet HTML 54Page - Renesas Technology Corp M30620ECFS Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
36
_____
______
________
Table 1.12.4. Operation of RD, WR, and BHE signals
Status of external data bus
RD
BHE
WR
HL
L
LHL
HLH
LH
H
Write 1 byte of data to odd address
Read 1 byte of data from odd address
Write 1 byte of data to even address
Read 1 byte of data from even address
Data bus width
A0
H
H
L
L
HL
L
L
LHL
L
HL
H / L
LH
H / L
8-bit
(BYTE = “H”)
Write data to both even and odd addresses
Read data from both even and odd addresses
Write 1 byte of data
Read 1 byte of data
16-bit
(BYTE = “L”)
Not used
Not used
Status of external data bus
Read data
Write 1 byte of data to even address
Write 1 byte of data to odd address
Write data to both even and odd addresses
WRH
WRL
RD
Data bus width
16-bit
(BYTE = “L”)
H
H
H
H
L
H
L
H
H
L
L
L
_____
________
_________
Table 1.12.3. Operation of RD, WRL, and WRH signals
(3) Read/write signals
With a 16-bit data bus (BYTE pin =“L”), bit 2 of the processor mode register 0 (address 000416) select the
_____ ________
______
_____
________
_________
combinations of RD, BHE, and WR signals or RD, WRL, and WRH signals. With an 8-bit data bus (BYTE
_____
______
_______
pin = “H”), use the combination of RD, WR, and BHE signals. (Set bit 2 of the processor mode register 0
(address 000416) to “0”.) Tables 1.12.3 and 1.12.4 show the operation of these signals.
_____
______
________
After a reset has been cancelled, the combination of RD, WR, and BHE signals is automatically selected.
_____ _________
_________
When switching to the RD, WRL, and WRH combination, do not write to external memory until bit 2 of the
processor mode register 0 (address 000416) has been set (Note).
Note: Before attempting to change the contents of the processor mode register 0, set bit 1 of the protect
register (address 000A16) to “1”.
(4) ALE signal
The ALE signal latches the address when accessing the multiplex bus space. Latch the address when the
ALE signal falls.
When BYTE pin = “H”
When BYTE pin = “L”
ALE
Address
Data (Note 1)
Address (Note 2)
D0/A0 to D7/A7
A8 to A19
ALE
Address
Data (Note 1)
Address
D0/A1 to D7/A8
A9 to A19
Address
A0
Note 1: Floating when reading.
Note 2: When multiplexed bus for the entire space is selected, these are I/O ports.
Figure 1.12.2. ALE signal and address/data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com