Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 422Page - Renesas Technology Corp M30620ECFS Datasheet HTML 423Page - Renesas Technology Corp M30620ECFS Datasheet HTML 424Page - Renesas Technology Corp M30620ECFS Datasheet HTML 425Page - Renesas Technology Corp M30620ECFS Datasheet HTML 426Page - Renesas Technology Corp M30620ECFS Datasheet HTML 427Page - Renesas Technology Corp M30620ECFS Datasheet HTML 428Page - Renesas Technology Corp M30620ECFS Datasheet HTML 429Page - Renesas Technology Corp M30620ECFS Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
411
2.7.14 Internal Equivalent Circuit of Analog Input
Figure 2.7.28 shows the internal equivalent circuit of analog input.
Figure 2.7.28. Internal equivalent circuit to analog input
ON resistor
approx. 2k
A-D successive conversion
register
Analog input voltage
AVcc
AVss
Chopper-type
amplifier
ADT/A-D conversion
interrupt request
Vcc
Vss
VIN
A-D control register 0
Comparison voltage
Comparison reference voltage (Vref) generator
VREF
AVss
Vref
b2 b1 b0
Vcc
Vss
AN i
Wiring resistor
approx. 0.2k
ON resistor
approx. 0.6k
SW2
Sampling
control signal
SW1
C = Approx. 3.0pF
SW3
SW4
AMP
ON resistor,
approx. 5k
SW2
Reference control
signal
Resistor
ladder
Control signal
for SW2
Control signal
for SW3
Connect to
Connect to
Comparison
Connect to
Connect to
Sampling
i ladder-type
switches
i ladder-type wiring
resistors
ON resistor
approx. 0.6k
AN0
Parasitic
diode
SW1
SW1 conducts only on the ports selected for analog input.
SW2 and SW3 are open when A-D conversion is not in
progress; their status varies as shown by the waveforms in
the diagrams on the left.
SW4 conducts only when A-D conversion is not in progress.
Parasitic
diode
Warning: Use only as a standard for designing this data.
Mass production may cause some changes in device characteristics.
(i = 10)
(i = 10)
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com