Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 491Page - Renesas Technology Corp M30620ECFS Datasheet HTML 492Page - Renesas Technology Corp M30620ECFS Datasheet HTML 493Page - Renesas Technology Corp M30620ECFS Datasheet HTML 494Page - Renesas Technology Corp M30620ECFS Datasheet HTML 495Page - Renesas Technology Corp M30620ECFS Datasheet HTML 496Page - Renesas Technology Corp M30620ECFS Datasheet HTML 497Page - Renesas Technology Corp M30620ECFS Datasheet HTML 498Page - Renesas Technology Corp M30620ECFS Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 621 page
background image
Controlling Power Applications
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
480
3.8 Controling Power Using Wait Mode
The following are steps for controling power using wait mode. Figure 3.8.1 shows the operation
timing, and Figures 3.8.2 to 3.8.4 show the set-up procedure.
Use the following peripheral functions:
• Timer mode of timer B
• Wait mode
A flag named “F-WIT” is used in the set-up procedure. The purpose of this flag is to decide
whether or not to clear wait mode. If F_WIT = “1” in the main program, the wait mode is entered;
if F_WIT = “0”, the wait mode is cleared.
(1) Connect a 32.768-kHz oscillator to XCIN to serve as the timer count source. As interrupts
occur every one second, which is a count the timer reaches, the controller returns from wait
mode and count the clock using a program.
________
(2) Clear wait mode if a INT0 interrupt request occurs.
(1) Switch the system clock from XIN to XCIN to get low-speed mode.
_______
(2) Stop XIN and enter wait mode. In this instance, enable the timer B2 interrupt and the INT0 interrupt.
(3) When a timer B2 interrupt request occurs (at 1-second intervals), start supplying the BCLK
from XCIN.
At this time, count the clock within the routine that handles the timer B2 interrupts and enter wait
mode again.
_______
(4) If a INT0 interrupt occurs, start supplying the BCLK from XCIN. Start the XIN oscillation within
_______
the INT0 interrupt, and switch the system clock to XIN.
Overview
Specifications
Operation
Timer B2
interrupt processing
Timer B overflow
XCIN
XOUT
BCLK
INT0
(1) Shift to low-speed mode
(2) Stop XIN
(3) Timer B2 interrupt
(4) INT0 interrupt
“H”
“L”
High-speed
Low-speed
Low-speed
Low-speed
Low-speed
High-speed
Figure 3.8.1. Operation timing of controling power using wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com