Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 508 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 504Page - Renesas Technology Corp M30620ECFS Datasheet HTML 505Page - Renesas Technology Corp M30620ECFS Datasheet HTML 506Page - Renesas Technology Corp M30620ECFS Datasheet HTML 507Page - Renesas Technology Corp M30620ECFS Datasheet HTML 508Page - Renesas Technology Corp M30620ECFS Datasheet HTML 509Page - Renesas Technology Corp M30620ECFS Datasheet HTML 510Page - Renesas Technology Corp M30620ECFS Datasheet HTML 511Page - Renesas Technology Corp M30620ECFS Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 621 page
background image
Interrupt
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
493
Previous
instruction
REIT
Interrupt sequence
Time
Interrupt request generated
Determination whether or not to
accept interrupt request
Previous
instruction
FSET I
Interrupt sequence
Next instruction
Interrupt request generated
Determination whether or not to
accept interrupt request
When changed by REIT instruction
When changed by FCLR, FSET, POPC, or LDC instruction
(If I flag is changed from 0 to 1 by REIT instruction)
(If I flag is changed from 0 to 1 by FSET instruction)
Time
Figure 4.2.3. The timing of reflecting the change in the I flag to the interrupt
4.2.1 Interrupt Enable Flag
The interrupt enable flag (I flag) controls the enabling and disabling of maskable interrupts. Setting this
flag to “1” enables all maskable interrupts; setting it to “0” disables all maskable interrupts. This flag is set
to “0” after reset.
The content is changed when the I flag is changed causes the acceptance of the interrupt request in the
following timing:
• When changing the I flag using the REIT instruction, the acceptance of the interrupt takes
effect as the REIT instruction is executed.
• When changing the I flag using one of the FCLR, FSET, POPC, and LDC instructions, the
acceptance of the interrupt is effective as the next instruction is executed.
4.2.2 Interrupt Request Bit
The interrupt request bit is set to "1" by hardware when an interrupt is requested. After the interrupt is
accepted and jumps to the corresponding interrupt vector, the request bit is set to "0" by hardware. The
interrupt request bit can also be set to "0" by software. (Do not set this bit to "1").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com