Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 515Page - Renesas Technology Corp M30620ECFS Datasheet HTML 516Page - Renesas Technology Corp M30620ECFS Datasheet HTML 517Page - Renesas Technology Corp M30620ECFS Datasheet HTML 518Page - Renesas Technology Corp M30620ECFS Datasheet HTML 519Page - Renesas Technology Corp M30620ECFS Datasheet HTML 520Page - Renesas Technology Corp M30620ECFS Datasheet HTML 521Page - Renesas Technology Corp M30620ECFS Datasheet HTML 522Page - Renesas Technology Corp M30620ECFS Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 621 page
background image
Interrupt
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
504
4.7 Precautions for Interrupts
(1) Reading address 0000016
• When maskable interrupt is occurred, CPU read the interrupt information (the interrupt number and
interrupt request level) in the interrupt sequence.
The interrupt request bit of the certain interrupt written in address 0000016 will then be set to “0”.
Reading address 0000016 by software sets enabled highest priority interrupt source request bit to “0”.
Though the interrupt is generated, the interrupt routine may not be executed.
Do not read address 0000016 by software.
(2) Setting the stack pointer
• The value of the stack pointer immediately after reset is initialized to 000016. Accepting an interrupt
before setting a value in the stack pointer may become a factor of runaway. Be sure to set a value in
_______
the stack pointer before accepting an interrupt. When using the NMI interrupt, initialize the stack point
at the beginning of a program. Concerning the first instruction immediately after reset, generating any
_______
interrupts including the NMI interrupt is prohibited.
_______
(3) The NMI interrupt
_______
_______
•The NMI interrupt can not be disabled. Be sure to connect NMI pin to Vcc via a pull-up resistor if
unused.
_______
• The NMI pin also serves as P85, which is exclusively input. Reading the contents of the P8 register
allows reading the pin value. Use the reading of this pin only for establishing the pin level at the time
_______
when the NMI interrupt is input.
_______
• Do not reset the CPU with the input to the NMI pin being in the “L” state.
_______
• Do not attempt to go into stop mode with the input to the NMI pin being in the “L” state. With the input to
_______
the NMI being in the “L” state, the CM10 is fixed to “0”, so attempting to go into stop mode is turned
down.
_______
• Do not attempt to go into wait mode with the input to the NMI pin being in the “L” state. With the input to
_______
the NMI pin being in the “L” state, the CPU stops but the oscillation does not stop, so no power is saved.
In this instance, the CPU is returned to the normal state by a later interrupt.
_______
• Signals input to the NMI pin require an “L” level of 1 clock or more, from the operation clock of the CPU.
(4) External interrupt
• Either an “L” level or an “H” level of at least 250 ns width is necessary for the signal input to pins INT0
through INT2 regardless of the CPU operation clock.
• When the polarity of the INT0 to INT2 pins is changed, the interrupt request bit is sometimes set to “1”.
After changing the polarity, set the interrupt request bit to “0”. Figure 4.7.1 shows the procedure for
______
changing the INT interrupt generate factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com