Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 564Page - Renesas Technology Corp M30620ECFS Datasheet HTML 565Page - Renesas Technology Corp M30620ECFS Datasheet HTML 566Page - Renesas Technology Corp M30620ECFS Datasheet HTML 567Page - Renesas Technology Corp M30620ECFS Datasheet HTML 568Page - Renesas Technology Corp M30620ECFS Datasheet HTML 569Page - Renesas Technology Corp M30620ECFS Datasheet HTML 570Page - Renesas Technology Corp M30620ECFS Datasheet HTML 571Page - Renesas Technology Corp M30620ECFS Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 621 page
background image
External ROM
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
553
6.4 Processor Mode
The external ROM version is operated only in microprocessor mode, so be sure to perform the following:
• Connect CNVSS pin to VCC.
• Fix the processor mode bit to “112”
Figure 6.4.1 shows the processor mode register 0.
Figure 6.4.1. Processor mode register 0
Processor mode register 0 (Note)
Symbol
Address
When rese
PM0
000416
0316
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Inhibited
0 1: Inhibited
1 0: Inhibited
1 1: Microprocessor mode
b1 b0
PM03
PM01
PM00
Processor mode bit
PM02
R/W mode select bit
0 : RD,BHE,WR
1 : RD,WRH,WRL
Software reset bit
The device is reset when this bit is set
to “1”. The value of this bit is “0” when
read.
PM04
0 0 : Multiplexed bus is not used
0 1 : Allocated to CS2 space
1 0 : Allocated to CS1 space
1 1 : Inhibited
b5 b4
Multiplexed bus space
select bit
PM05
PM06
PM07
Port P40 to P43 function
select bit
0 : Address output
1 : Port function
(Address is not output)
BCLK output disable bit
0 : BCLK is output
1 : BCLK is not output
(Pin is left floating)
Note: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com