Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 606 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 606 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 602Page - Renesas Technology Corp M30620ECFS Datasheet HTML 603Page - Renesas Technology Corp M30620ECFS Datasheet HTML 604Page - Renesas Technology Corp M30620ECFS Datasheet HTML 605Page - Renesas Technology Corp M30620ECFS Datasheet HTML 606Page - Renesas Technology Corp M30620ECFS Datasheet HTML 607Page - Renesas Technology Corp M30620ECFS Datasheet HTML 608Page - Renesas Technology Corp M30620ECFS Datasheet HTML 609Page - Renesas Technology Corp M30620ECFS Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
591
e
m
a
n
n
i
P)
4
D
/
5
D
/
(
5
A
/
5
2
P.
o
N
n
i
P)
P
F
(
7
6)
P
G
(
5
6
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
6
E
3
,
5h
C
F
3
,
5h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
4
D
/
5
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
0
1
1
0
X
X
1
1
L
L
4
3
5
D
/
5
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
X
1
1
X
X
X
1
1
H
H
4
3
5
AO
t
u
p
t
u
o
s
s
e
r
d
d
AX
X
0
0
X
1
X
4
3
5
2
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
X
0
0
X
7
6
1
5
2
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
X
0
0
X
7
6
1
5
2
PO
t
u
p
t
u
o
t
r
o
P
1
XXX
0
0
X
7
6
1
h
6
E
3
,
5r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
5
2
P
t
r
o
P
2
7
1
h
C
F
3
,
5r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
2
P
o
t
4
2
P
4
7
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
E
T
Y
Bn
i
p
E
T
Y
B
2
3
e
m
a
n
n
i
P)
3
D
/
4
D
/
(
4
A
/
4
2
P.
o
N
n
i
P)
P
F
(
8
6)
P
G
(
6
6
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
6
E
3
,
4h
C
F
3
,
5h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
3
D
/
4
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
0
1
1
0
X
X
1
1
L
L
4
3
4
D
/
4
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
X
1
1
X
X
X
1
1
H
H
4
3
4
AO
t
u
p
t
u
o
s
s
e
r
d
d
AX
X
0
0
X
1
X
4
3
4
2
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
X
0
0
X
7
6
1
4
2
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
X
0
0
X
7
6
1
4
2
PO
t
u
p
t
u
o
t
r
o
P
1
XXX
0
0
X
7
6
1
h
6
E
3
,
4r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
4
2
P
t
r
o
P
2
7
1
h
C
F
3
,
5r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
2
P
o
t
4
2
P
4
7
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
E
T
Y
Bn
i
p
E
T
Y
B
2
3
e
m
a
n
n
i
P)
2
D
/
3
D
/
(
3
A
/
3
2
P.
o
N
n
i
P)
P
F
(
9
6)
P
G
(
7
6
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
6
E
3
,
3h
C
F
3
,
4h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
2
D
/
3
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
0
1
1
0
X
X
1
1
L
L
4
3
3
D
/
3
AO
/
Is
u
b
d
e
x
e
l
p
i
t
l
u
M
X
X
X
X
X
1
1
X
X
X
1
1
H
H
4
3
3
AO
t
u
p
t
u
o
s
s
e
r
d
d
AX
X
0
0
X
1
X
4
3
3
2
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
X
0
0
X
7
6
1
3
2
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
X
0
0
X
7
6
1
3
2
PO
t
u
p
t
u
o
t
r
o
P
1
XXX
0
0
X
7
6
1
h
6
E
3
,
3r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
3
2
P
t
r
o
P
2
7
1
h
C
F
3
,
4r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
2
P
o
t
0
2
P
4
7
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
9
2
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
9
2
E
T
Y
Bn
i
p
E
T
Y
B
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com