Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 121Page - Renesas Technology Corp M30620ECFS Datasheet HTML 122Page - Renesas Technology Corp M30620ECFS Datasheet HTML 123Page - Renesas Technology Corp M30620ECFS Datasheet HTML 124Page - Renesas Technology Corp M30620ECFS Datasheet HTML 125Page - Renesas Technology Corp M30620ECFS Datasheet HTML 126Page - Renesas Technology Corp M30620ECFS Datasheet HTML 127Page - Renesas Technology Corp M30620ECFS Datasheet HTML 128Page - Renesas Technology Corp M30620ECFS Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
110
Sawtooth modulation
To generate a PWM waveform of sawtooth wave modulation, set “1” in the modulation mode select bit (bit
6 at 034816). Also, set “0” in the timers A4-1, A1-1, and A2-1 control bit (bit 1 at 034916). In this mode, the
timer registers of timers A4, A1, and A2 comprise conventional timers A4, A1, and A2 alone, and reload
the corresponding timer register’s content to the counter every time the timer B2 counter’s content be-
comes 000016. The effective interrupt output specification bit (bit 1 at 034816) and the effective interrupt
output polarity select bit (bit 0 at 034816) go nullified.
An example of U phase waveform is shown in Figure 1.18.8, and the description of waveform output
workings is given below. Set “1” in DU0 (bit 0 at 034A16), and set “0” in DUB0 (bit 1 at 034A16). In addition,
set “0” in DU1 (bit 0 at 034A16) and set “1” in DUB1 (bit 1 at 034A16).
When the timber B2 counter’s content becomes 000016, timer B2 generates an interrupt, and timer A4
starts outputting one-shot pulses at the same time. In this instance, the contents of the three-phase buffer
registers DU1 and DU0 are set in the three-phase output shift register (U phase), and the contents of
___
DUB1 and DUB0 are set in the three-phase output register (U phase). After this, the three-phase buffer
register’s content is set in the three-phase shift register every time the timer B2 counter’s content be-
comes 000016.
___
The value of DU0 and that of DUB0 are output to the U terminal (P80) and to the U terminal (P81)
respectively. When the timer A4 counter counts the value written to timer A4 (038F16, 038E16) and when
timer A4 finishes outputting one-shot pulses, the three-phase output shift register’s content is shifted one
___
position, and the value of DU1 and that of DUB1 are output to the U phase output signal and to the U
output signal respectively. At this time, one-shot pulses are output from the timer for setting dead time
used for setting the time over which the “L” level of the U phase waveform doesn’t lap over the “L” level of
___
the U phase waveform, which has the opposite phase of the former. The U phase waveform output that
started from the “H” level keeps its level until the timer for setting dead time finishes outputting one-shot
pulses even though the three-phase output shift register’s content changes from “1” to “0 ”by the effect of
the one-shot pulses. When the timer for setting dead time finishes outputting one-shot pulses, 0 already
shifted in the three-phase shift register goes effective, and the U phase waveform changes to the “L”
level. When the timer B2 counter’s content becomes 000016, the contents of the three-phase buffer
registers DU1 and DU0 are set in the three-phase shift register (U phase), and the contents of DUB1 and
___
DUB0 are set in the three-phase shift register (U phase) again.
A U phase waveform is generated by these workings repeatedly. With the exception that the three-phase
___
___
output shift register on the U phase side is used, the workings in generating a U phase waveform, which
has the opposite phase of the U phase waveform, are the same as in generating a U phase waveform. In
this way, a waveform can be picked up from the applicable terminal in a manner in which the “L” level of
___
the U phase waveform doesn’t lap over that of the U phase waveform, which has the opposite phase of
the U phase waveform. The width of the “L” level too can be adjusted by varying the values of timer B2
___
___
and timer A4. In dealing with the V and W phases, and V and W phases, the latter are of opposite phase
___
of the former, have the corresponding timers work similarly to dealing with the U and U phases to gener-
ate an intended waveform.
___
Setting “1” both in DUB0 and in DUB1 provides a means to output the U phase alone and to fix the U
phase output to “H” as shown in Figure 1.18.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com