Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 235Page - Renesas Technology Corp M30620ECFS Datasheet HTML 236Page - Renesas Technology Corp M30620ECFS Datasheet HTML 237Page - Renesas Technology Corp M30620ECFS Datasheet HTML 238Page - Renesas Technology Corp M30620ECFS Datasheet HTML 239Page - Renesas Technology Corp M30620ECFS Datasheet HTML 240Page - Renesas Technology Corp M30620ECFS Datasheet HTML 241Page - Renesas Technology Corp M30620ECFS Datasheet HTML 242Page - Renesas Technology Corp M30620ECFS Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
224
GZZ
SH12
64B <82A0>
MITSUBISHI ELECTRIC SINGLE-CHIP 16-BIT
MICROCOMPUTER M30622M8-XXXFP/GP
MASK ROM CONFIRMATION FORM
Mask ROM number
Note: The ROM cannot be processed if the type No. written to the EPROM does not match the type No.
in the check sheet.
The ASCII code for the type No. can be written to EPROM addresses 0000016 to 0000F16 by specifying the
pseudo-instructions for the respective EPROM type shown in the following table at the beginning of the
assembler source program.
The mark specification differs according to the type of package. After entering the mark specification on
the separate mark specification sheet (for each package), attach that sheet to this masking check sheet
for submission to Mitsubishi.
For the M30622M8-XXXFP, submit the 100P6S mark specification sheet. For the M30622M8-XXXGP,
submit the 100P6Q mark specification sheet.
2. Mark specification
3. Usage Conditions
For our reference when of testing our products, please reply to the following questions about the usage of
the products you ordered.
(1) Which kind of XIN-XOUT oscillation circuit is used?
Ceramic resonator
Quartz-crystal oscillator
External clock input
Other (
)
What frequency do you use?
f(XIN) =
MHZ
EPROM type
27C201
Code entered in
source program
.SECTION
ASCIICODE, ROM DATA
.ORG
0C0000H
.BYTE
' M30622M8- '
27C401
.SECTION
ASCIICODE, ROM DATA
.ORG
080000H
.BYTE
' M30622M8- '
Mitsubishi processes the mask files generated by the mask file generation utilities out of those held on
the floppy disks you give in to us, and forms them into masks. Hence, we assume liability provided that
there is any discrepancy between the contents of these mask files and the ROM data to be burned into
products we produce. Check thoroughly the contents of the mask files you give in.
Prepare 3.5 inches 2HD(IBM format) floppy disks. And store only one mask file in a floppy disk.
In the case of floppy disks
File code :
(hex)
Microcomputer type No. :
M30622M8-XXXFP
Mask file name :
.MSK (alpha-numeric 8-digit)
M30622M8-XXXGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com