Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 259Page - Renesas Technology Corp M30620ECFS Datasheet HTML 260Page - Renesas Technology Corp M30620ECFS Datasheet HTML 261Page - Renesas Technology Corp M30620ECFS Datasheet HTML 262Page - Renesas Technology Corp M30620ECFS Datasheet HTML 263Page - Renesas Technology Corp M30620ECFS Datasheet HTML 264Page - Renesas Technology Corp M30620ECFS Datasheet HTML 265Page - Renesas Technology Corp M30620ECFS Datasheet HTML 266Page - Renesas Technology Corp M30620ECFS Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CPU Rewrite Mode (Flash Memory Version)
248
Each bit of
SRD
SR4 (bit4)
SR5 (bit5)
SR7 (bit7)
SR6 (bit6)
Status name
Definition
SR1 (bit1)
SR2 (bit2)
SR3 (bit3)
SR0 (bit0)
"1"
"0"
Program status
Erase status
Write state machine (WSM) status
Reserved
Reserved
Reserved
Block status after program
Reserved
Ready
Busy
Terminated in error
Terminated in error
Terminated in error
Terminated normally
Terminated normally
Terminated normally
-
-
-
-
-
-
-
-
Program status (SR4)
The program status informs the operating status of auto write operation to the CPU. When a write
error occurs, it is set to 1.
The program status is reset to 0 when cleared.
When an erase command is in error (which occurs if the command entered after the block erase
command (2016) is not the confirmation command (D016), both the program status and erase status
(SR5) are set to 1.
When the program status or erase status = 1, the following commands entered by command write are
not accepted.
Also, in one of the following cases, both SR4 and SR5 are set to 1 (command sequence error):
(1) When the valid command is not entered correctly
(2) When the data entered in the second bus cycle of lock bit program (7716/D016), block erase
(2016/D016), or erase all unlock blocks (A716/D016) is not the D016 or FF16. However, if FF16 is
entered, read array is assumed and the command that has been set up in the first bus cycle is
canceled.
Block status after program (SR3)
If excessive data is written (phenomenon whereby the memory cell becomes depressed which results
in data not being read correctly), “1” is set for the program status after-program at the end of the page
write operation. In other words, when writing ends successfully, “8016” is output; when writing fails,
“9016” is output; and when excessive data is written, “8816” is output.
Table 1.29.2. Definition of each bit in status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com