Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 298Page - Renesas Technology Corp M30620ECFS Datasheet HTML 299Page - Renesas Technology Corp M30620ECFS Datasheet HTML 300Page - Renesas Technology Corp M30620ECFS Datasheet HTML 301Page - Renesas Technology Corp M30620ECFS Datasheet HTML 302Page - Renesas Technology Corp M30620ECFS Datasheet HTML 303Page - Renesas Technology Corp M30620ECFS Datasheet HTML 304Page - Renesas Technology Corp M30620ECFS Datasheet HTML 305Page - Renesas Technology Corp M30620ECFS Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
287
Figure 2.2.7. Set-up procedure of timer mode
Setting divide ratio
Can be set to 000016 to FFFF16
b7
b0
(b15)
(b8)
b7
b0
Timer A0 register [Address 038716, 038616]TA0
Timer A1 register [Address 038916, 038816]TA1
Timer A2 register [Address 038B16, 038A16]TA2
Timer A3 register [Address 038D16, 038C16]TA3
Timer A4 register [Address 038F16, 038E16]TA4
Start count
Setting clock prescaler reset flag
(This function is effective when fC32 is selected as the count source. Reset the prescaler for generating fC32 by
dividing the XCIN by 32.)
Clock prescaler reset flag [Address 038116]
CPSRF
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset (When read, the value is “0”)
b7
b0
Setting count start flag
Count start flag [Address 038016]
TABSR
Timer A0 count start flag
Timer A1 count start flag
Timer A2 count start flag
Timer A3 count start flag
Timer A4 count start flag
b7
b0
Pulse output function select bit
0 : Pulse is not output (TAiOUT pin is a normal port pin)
Selecting timer mode and functions
Timer Ai mode register (i=0 to 4) [Address 039616 to 039A16]
TAiMR (i=0 to 4)
Selection of timer mode
b7
b0
00
00
0
0 (Must always be “0” in timer mode)
Count source select bit
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32
Gate function select bit
0 0 :
0 1 :
b4 b3
Gate function not available (TAiIN pin is a normal port pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com