Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 314Page - Renesas Technology Corp M30620ECFS Datasheet HTML 315Page - Renesas Technology Corp M30620ECFS Datasheet HTML 316Page - Renesas Technology Corp M30620ECFS Datasheet HTML 317Page - Renesas Technology Corp M30620ECFS Datasheet HTML 318Page - Renesas Technology Corp M30620ECFS Datasheet HTML 319Page - Renesas Technology Corp M30620ECFS Datasheet HTML 320Page - Renesas Technology Corp M30620ECFS Datasheet HTML 321Page - Renesas Technology Corp M30620ECFS Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
303
Figure 2.2.23. Set-up procedure of one-shot mode, external trigger selected
Setting one-shot timer's time
Can be set to 000116 to FFFF16
b7
b0
(b15)
(b8)
b7
b0
Timer A0 register [Address 038716, 038616]TA0
Timer A1 register [Address 038916, 038816]TA1
Timer A2 register [Address 038B16, 038A16]TA2
Timer A3 register [Address 038D16, 038C16]TA3
Timer A4 register [Address 038F16, 038E16]TA4
Start count
Setting count start flag
Count start flag [Address 038016]
TABSR
Timer A0 count start flag
Timer A1 count start flag
Timer A2 count start flag
Timer A3 count start flag
Timer A4 count start flag
b7
b0
Pulse output function select bit
1 : Pulse is output
Selecting one-shot timer mode and functions
Timer Ai mode register (i=0 to 4) [Address 039616 to 039A16]
TAiMR (i=0 to 4)
External trigger select bit
1 : Rising edge of TAiIN pin's input signal
Selection of one-shot timer mode
b7
b0
10
11
1
0 (Must always be “0” in one-shot timer mode)
Count source select bit
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Trigger select bit
1 : Selected by event/trigger select register
0
Setting event/trigger select bit
Trigger select register [Address 038316]
TRGSR
One-shot start flag [Address 038216]
ONSF
Timer A0 event/trigger select bit
0 0 : Input on TA0IN is selected (Note)
b7 b6
b7
b0
b7
b0
Timer A1 event/trigger select bit
0 0 : Input on TA1IN is selected (Note)
b1 b0
Timer A2 event/trigger select bit
0 0 : Input on TA2IN is selected (Note)
b3 b2
Timer A3 event/trigger select bit
0 0 : Input on TA3IN is selected (Note)
b5 b4
Timer A4 event/trigger select bit
0 0 : Input on TA4IN is selected (Note)
b7 b6
Note: Set the corresponding port direction register to “0”.
Setting clock prescaler reset flag
(This function is effective when fC32 is selected as the count source. Reset the prescaler for generating fC32 by dividing the XCIN by 32.)
Clock prescaler reset flag [Address 038116]
CPSRF
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset (When read, the value is “0”)
b7
b0
Clearing timer Ai interrupt request bit
Timer Ai interrupt control register [Address 005516 to 005916]
TAiIC (i=0 to 4)
Interrupt request bit
b7
b0
0
Refer to 'Precaution for Timer A (one shot timer mode)'
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com