Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FD Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 41Page - Renesas Technology Corp M38K02FD Datasheet HTML 42Page - Renesas Technology Corp M38K02FD Datasheet HTML 43Page - Renesas Technology Corp M38K02FD Datasheet HTML 44Page - Renesas Technology Corp M38K02FD Datasheet HTML 45Page - Renesas Technology Corp M38K02FD Datasheet HTML 46Page - Renesas Technology Corp M38K02FD Datasheet HTML 47Page - Renesas Technology Corp M38K02FD Datasheet HTML 48Page - Renesas Technology Corp M38K02FD Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 28 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
USB Port External Circuit Configuration
The operation mode of the USB port driver circuit can be config-
ured by USB control register (address 001016).
Figure 25 and Figure 26 show the USB port external circuit block
diagram.
“1”
“0”
USB Reference
Voltage Circuit
PLL
UCLKCON
VREFE
VREFCON
DVCC
Full
Speed
+
-
USBE
USBE
USB
Module
XOUT
fVCO
TRONCON
TRONE
USBVREF
TRON
D0+
D0-
2.2
µF
27
Ω
USBE
VREFCON
0
1
Hiz
Hiz
3.3V output
Normal mode
0
1
USBVREF status
fUSB
USBDIFE
Full
Speed
3.3V output
Low-power mode
0.1
µF
27
Ω
1.5 k
Ω
Fig. 25 USB port external circuit (D0+, D0-, USBVREF, TrON) block diagram (4.0V
≤≤≤≤≤ VCC ≤≤≤≤≤ 5.25V)
Fig. 26 USB port external circuit (D0+, D0-, USBVREF, TrON) block diagram (3.0V
≤≤≤≤≤ VCC ≤≤≤≤≤ 4.0V)
“1”
“0”
PLL
UCLKCON
Full
Speed
+
-
USBE
USBE
USB
Module
XOUT
fVCO
TRONCON
TRONE
USBVREF
TRON
D0+
D0-
27
Ω
USBE
fUSB
USBDIFE
Full
Speed
0.1
µF
27
Ω
1.5 k
Ω
3.0V to 3.6V (Note)
Note: In Vcc = 3.0 V to 3.6 V connect this pin to Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com