Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FD Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 51Page - Renesas Technology Corp M38K02FD Datasheet HTML 52Page - Renesas Technology Corp M38K02FD Datasheet HTML 53Page - Renesas Technology Corp M38K02FD Datasheet HTML 54Page - Renesas Technology Corp M38K02FD Datasheet HTML 55Page - Renesas Technology Corp M38K02FD Datasheet HTML 56Page - Renesas Technology Corp M38K02FD Datasheet HTML 57Page - Renesas Technology Corp M38K02FD Datasheet HTML 58Page - Renesas Technology Corp M38K02FD Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 38 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 42 Structure of EP00 control register 3
b7
b0
Control transfer completion
enable bit
Not used
CTENDE00
b7:b1
–
–
0
–
EP00 control register 3 (EP00CON3) [address 001C16]
0 : NAK transmission in the status stage
1 : Control transfer completion enabled (SIE transmits
NULL/ACK.) (valid in PID00 = “012”)
At reception of SETUP token:
This bit is cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
Bit name
Bit symbol
At reset
Function
H/W
S/W
00
0
0
0
0
0
W
R
b7
b0
USB function/Endpoint 0 buffer
ready interrupt bit
USB function/Endpoint 0 control
transfer completion interrupt bit
USB function/Endpoint 0 status
stage transition interrupt bit
USB function/Endpoint 0 SETUP
buffer ready interrupt bit
USB function/Endpoint 0 error
interrupt bit
Not used
BRDY00
CTEND00
CTSTS00
BSRDY00
ERR00
b7:b5
0
0
0
0
0
–
0
0
0
0
0
–
EP00 interrupt source register (EP00REQ) [address 001D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
O
O
O
O
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the buffer is ready state
(enabled to be read/written) on USB function/Endpoint 0.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when control transfer is completed
(NULL/ACK transmission in the status stage) on USB
function/Endpoint 0.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when transition to status stage
occurs in CTENDE00 = “0” (control transfer completion
disabled) on USB function/Endpoint 0.
“0” can be set by software, but “1” cannot be set.
<Transition to status stage occurrence factor>
At transfer of control write:
When receiving IN-token in data stage (OUT)
At transfer of control read:
When receiving OUT-token in data stage (IN)
At no data transfer:
Nothing occurs.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the exclusive buffer for
SETUP is ready state (enabled to be read) on USB
function/Endpoint 0.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when control transfer error occurs
on USB function/Endpoint 0.
This bit is cleared to “0” by the hardware when
receiving SETUP token.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
–: State remaining
000
W
R
Fig. 43 Structure of EP00 interrupt source register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com