Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FD Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 93Page - Renesas Technology Corp M38K02FD Datasheet HTML 94Page - Renesas Technology Corp M38K02FD Datasheet HTML 95Page - Renesas Technology Corp M38K02FD Datasheet HTML 96Page - Renesas Technology Corp M38K02FD Datasheet HTML 97Page - Renesas Technology Corp M38K02FD Datasheet HTML 98Page - Renesas Technology Corp M38K02FD Datasheet HTML 99Page - Renesas Technology Corp M38K02FD Datasheet HTML 100Page - Renesas Technology Corp M38K02FD Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 80 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 114 System clock generating circuit block diagram (single-chip mode)
Fig. 111 Ceramic resonator or quartz-crystal oscilltor circuit
Fig. 112 External clock input circuit
Fig. 113 Structure of MISRG
CIN
COUT
XIN
XOUT
Note : Insert a damping resistor if required.
The resistance will vary depending on the oscillator
and the oscillation drive capacity setting.
Use the value recommended by the maker of the
oscillator.
Also, if the oscillator manufacturer's data sheet
specifies that a feedback resistor be added external
to the chip though a feedback resistor exists on-chip,
insert a feedback resistor between XIN and XOUT
following the instruction.
Rd (Note)
XOUT
External oscillation circuit
Open
VCC
VSS
XIN
MISRG
(MISRG: address 0FFB16)
Oscillation stabilizing time set after STP instruction
released bit
0: Automatically set “0116” to Timer 1,
“FF16” to Prescaler 12
1: Automatically set nothing
Not used (indefinite at read)
b0
b7
PLL
1/8
1/41/6
fUSB
XIN
XOUT
fsio
fAD
1/8
1/4
1/2
1/1
S
R
Q
S
R
Q
1/2
FF16
0116
1/2
1/2
1/2
fvco
fSYN
USB clock selection bit
USB clock division
ration selection bits
System clock division
ration selection bits
Timer 1
Prescaler 12
Reset or STP
instruction
Timing
φ (internal clock)
STP instruction
WIT
instruction
STP instruction
Reset
Interrupt request
Interrupt disable flag l
System clock selection bit
Reset
S
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com