Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FD Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 79Page - Renesas Technology Corp M38K02FD Datasheet HTML 80Page - Renesas Technology Corp M38K02FD Datasheet HTML 81Page - Renesas Technology Corp M38K02FD Datasheet HTML 82Page - Renesas Technology Corp M38K02FD Datasheet HTML 83Page - Renesas Technology Corp M38K02FD Datasheet HTML 84Page - Renesas Technology Corp M38K02FD Datasheet HTML 85Page - Renesas Technology Corp M38K02FD Datasheet HTML 86Page - Renesas Technology Corp M38K02FD Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 66 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
DMA acknowledge
ExDACK
#0
#1
Mch_req
Mch_req
mWR
detection
mWR
detection
#0
#1
012
3
5
req
req
010016
010116
010216
ack
ack
DMA request
ExDREQ
➀
➀
➁➁’
➂’
➂➃
➃
➄
➄
Address ExA0
Chip select ExCS
Read ExRD
Write ExWR
Data DQ0 to DQ7
Internal clock
φ
Receive buffer RXBUF
Operation enabled
Main sequencer
Internal memory access
Acknowledgment of
internal memory access
Memory address
Counter end
Memory channel operation
end interrupt
A0 = “0”
CS = “0”
A0 = “0”
CS = “0”
<Initial setting>
External I/O configuration register
Set as necessary.
Memory channel operation mode register
MC_DIR[1:0] (Memory channel direction control) = 012 (Receive mode)
Burst (burst) = “0” (Cycle mode)
Memory address counter
(Example) 010016
End address register
(Example) 010116
<Operation start command>
EXB interrupt source enable register
MC_ENB (Memory channel operation enable) = “1” (Operation start)
➀ In the memory channel receive mode when the command for enabling operation is written, operation starts (main sequencer starts) and assertion of the
memory channel request which synchronized with a rise of
φ is made.
➁ When the external MCU bus is in the condition of ExCS = “L” and ExA0 = “L” or a fall of ExWR is detected in the condition of ExDACK = “L”, negation of the
memory channel request which synchronized with a rise of
φ is made.
➂ When a rise of ExWR is detected, an internal memory access sequence which synchronized with a rise of φ is activated and a data is written in the internal
memory within two clocks at a minimum.
➃ The memory address counter is increased simultaneously at write completion and assertion of the next memory channel request is made.
➄ When the write operation to the end address has been completed, the memory address counter is increased, but assertion of the next memory channel
request is not made and the memory channel operation end interrupt is generated.
(3) Memory Channel Receiving Operation (1)-
Cycle Mode
Memory channel receiving operation (1) is shown bellow.
Fig. 94 Memory channel receiving operation (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com