Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FD Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 15Page - Renesas Technology Corp M38K02FD Datasheet HTML 16Page - Renesas Technology Corp M38K02FD Datasheet HTML 17Page - Renesas Technology Corp M38K02FD Datasheet HTML 18Page - Renesas Technology Corp M38K02FD Datasheet HTML 19Page - Renesas Technology Corp M38K02FD Datasheet HTML 20Page - Renesas Technology Corp M38K02FD Datasheet HTML 21Page - Renesas Technology Corp M38K02FD Datasheet HTML 22Page - Renesas Technology Corp M38K02FD Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 328 page
background image
Rev.2.00
Oct 05, 2006
page 2 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
DESCRIPTION
The 38K0 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 38K0 group has the USB function, an 8-bit bus interface, a
Serial Interface, three 8-bit timers, and an 8-channel 10-bit A/D
converter, which are available for the PC peripheral I/O device.
The various microcomputers in the 38K0 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
FEATURES
•Basic machine-language instructions ....................................... 71
•The minimum instruction execution time .......................... 0.25 µs
(at 8 MHz system clock✻)
System clock✻: Reference frequency to internal circuit except
USB function
•Memory size
ROM ................................................................ 16 K to 32 K bytes
RAM ............................................................... 1024 to 2048 bytes
•Programmable input/output ports ............................................. 48
•Software pull-up resistors
•Interrupts .................................................. 15 sources, 15 vectors
•USB function (Full-Speed USB2.0 specification) ...... 4 endpoints
•External bus interface ....................................... 8-bit ✕ 1 channel
•Timers ............................................................................. 8-bit ✕ 3
•Watchdog timer ............................................................. 16-bit ✕ 1
•Serial Interface
Serial I/O (UART or Clock-synchronized) ...................... 8-bit ✕ 1
•A/D converter ................................................ 10-bit ✕ 8 channels
(8-bit reading available)
•LED direct drive port ................................................................... 4
•Clock generating circuit
(connect to external ceramic resonator or quartz-crystal oscillator)
•Power source voltage (L version)
System clock/Internal clock division mode
At 12 MHz/2-divide mode(
φ = 6 MHz) ................... 4.00 to 5.25 V
At 8 MHz/Through mode (
φ = 8 MHz) ................... 4.00 to 5.25 V
At 6 MHz/Through mode (
φ = 6 MHz) ................... 3.00 to 5.25 V
•Power dissipation
At 5 V power source voltage .................................. 125 mW (typ.)
(at 8 MHz system clock, in through mode)
At 3.3 V power source voltage ................................ 30 mW (typ.)
(at 6 MHz system clock, in through mode)
•Operating temperature range .................................... –20 to 85°C
•Packages
FP ............................ PLQP0064GA-A (64-pin 14 ✕ 14 mm LQFP)
HP ............................ PLQP0064KB-A (64-pin 10 ✕ 10 mm LQFP)
Package type : PLQP0064GA-A (64P6U-A)/PLQP0064KB-A (64P6Q-A)
Fig. 1 Pin configuration of 38K0 group
PIN CONFIGURATION (TOP VIEW)
32
31
30
29
28
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
27
64
TrON
P23
P22
P21
P20
D0-
D0+
USBVREF
DVCC
PVCC
PVSS
P10/DQ0/AN0
P06
P07
P40/EXDREQ/RXD
P11/DQ1/AN1
P61(LED1)
P62(LED2)
P63(LED3)
P41/EXDACK/TXD
P42/EXTC/SCLK
P43/EXA1/SRDY
P30
P31
P32
P33/EXINT
P34/EXCS
P35/EXWR
P36/EXRD
P37/EXA0
P24
P25
M38K07M4L-XXXFP/HP
M38K09F8LFP/HP
DESCRIPTION/FEATURES/PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com