Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 68Page - Renesas Technology Corp H8/3002 Datasheet HTML 69Page - Renesas Technology Corp H8/3002 Datasheet HTML 70Page - Renesas Technology Corp H8/3002 Datasheet HTML 71Page - Renesas Technology Corp H8/3002 Datasheet HTML 72Page - Renesas Technology Corp H8/3002 Datasheet HTML 73Page - Renesas Technology Corp H8/3002 Datasheet HTML 74Page - Renesas Technology Corp H8/3002 Datasheet HTML 75Page - Renesas Technology Corp H8/3002 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 700 page
background image
Section 3 MCU Operating Modes
3.1 Overview
3.1.1 Operating Mode Selection
The H8/3002 has four operating modes (modes 1 to 4) that are selected by the mode pins (MD2 to
MD0) as indicated in table 3-1. The input at these pins determines the size of the address space
and the initial bus mode.
Table 3-1 Operating Mode Selection
Mode Pins
Description
Operating Mode
MD2 MD1 MD0
Address Space
Initial Bus Mode*1
On-Chip RAM
—
000
—
—
—
Mode 1
0
0
1
1 Mbyte
8 bits
Enabled*2
Mode 2
0
1
0
1 Mbyte
16 bits
Enabled*2
Mode 3
0
1
1
16 Mbytes
8 bits
Enabled*2
Mode 4
1
0
0
16 Mbytes
16 bits
Enabled*2
—
101
—
—
—
—
110
—
—
—
—
111
—
—
—
Notes: 1. In all modes, an 8-bit or 16-bit data bus can be selected on a per-area basis by settings
made in the area bus width control register (ABWCR). For details see section 6, Bus
Controller.
2. If the RAME in SYSCR is cleared to 0, these addresses become external addresses.
For the address space size there are two choices: 1 Mbyte or 16 Mbytes. The external data bus is
either 8 or 16 bits wide depending on the settings in the area bus width control register (ABWCR).
If 8-bit access is selected for all areas, the external data bus is 8 bits wide. For details see
section 6, Bus Controller.
Modes 1 to 4 are externally expanded modes that enable access to external memory and peripheral
devices. Modes 1 and 2 support a maximum address space of 1 Mbyte. Modes 3 and 4 support a
maximum address space of 16 Mbytes.
The H8/3002 can only be used in modes 1 to 4. The inputs at the mode pins must select one of
these four modes. The inputs at the mode pins must not be changed during operation.
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com