Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 75Page - Renesas Technology Corp H8/3002 Datasheet HTML 76Page - Renesas Technology Corp H8/3002 Datasheet HTML 77Page - Renesas Technology Corp H8/3002 Datasheet HTML 78Page - Renesas Technology Corp H8/3002 Datasheet HTML 79Page - Renesas Technology Corp H8/3002 Datasheet HTML 80Page - Renesas Technology Corp H8/3002 Datasheet HTML 81Page - Renesas Technology Corp H8/3002 Datasheet HTML 82Page - Renesas Technology Corp H8/3002 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 700 page
background image
Figure 3-1 Memory Map in Each Operating Mode
Modes 1 and 2 (1-Mbyte modes)
Modes 3 and 4 (16-Mbyte modes)
Vector table
External address space
External address
space
Vector table
External address
space
Area 0
Area 1
Area 2
Area 3
Area 4
Area 5
Area 6
Area 7
8-bit
absolute
addresses
External address
space
8-bit
absolute
addresses
Area 0
Area 1
Area 2
Area 3
Area 4
Area 5
Area 6
Area 7
H'00000
H'07FFF
H'1FFFF
H'20000
H'3FFFF
H'40000
H'5FFFF
H'60000
H'7FFFF
H'80000
H'9FFFF
H'A0000
H'BFFFF
H'C0000
H'DFFFF
H'E0000
H'F8000
H'FFD0F
H'FFD10
H'FFF00
H'FFF0F
H'FFF10
H'FFF1B
H'FFF1C
F'FFFFF
H'1FFFFF
H'200000
H'3FFFFF
H'400000
H'5FFFFF
H'600000
H'7FFFFF
H'800000
H'9FFFFF
H'A00000
H'BFFFFF
H'C00000
H'DFFFFF
H'E00000
H'FF8000
H'FFFD0F
H'FFFD10
H'FFFF00
H'FFFF0F
H'FFFF10
H'FFFF1B
H'FFFF1C
H'FFFFFF
H'000000
H'007FFF
16-bit
absolute
addresses
16-bit
absolute
addresses
16-bit
absolute
addresses
16-bit
absolute
addresses
Note: * External addresses can be accessed by clearing the RAME bit to 0 in SYSCR.
On-chip registers
On-chip RAM*
On-chip registers
On-chip RAM*
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com