Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 74Page - Renesas Technology Corp H8/3002 Datasheet HTML 75Page - Renesas Technology Corp H8/3002 Datasheet HTML 76Page - Renesas Technology Corp H8/3002 Datasheet HTML 77Page - Renesas Technology Corp H8/3002 Datasheet HTML 78Page - Renesas Technology Corp H8/3002 Datasheet HTML 79Page - Renesas Technology Corp H8/3002 Datasheet HTML 80Page - Renesas Technology Corp H8/3002 Datasheet HTML 81Page - Renesas Technology Corp H8/3002 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 700 page
background image
3.5 Pin Functions in Each Operating Mode
The pin functions of ports 4 and A vary depending on the operating mode. Table 3-3 indicates
their functions in each operating mode.
Table 3-3 Pin Functions in Each Mode
Port
Mode 1
Mode 2
Mode 3
Mode 4
Port 4
P47 to P40*1
D7 to D0*1
P47 to P40*1
D7 to D0*1
Port A
PA7 to PA4
PA7 to PA4
A23 to A20*2
A23 to A20*2
Notes: 1. Initial state. The bus mode can be switched by settings in ABWCR.
These pins function as P47 to P40 in 8-bit bus mode, and as D7 to
D0 in 16-bit bus mode.
2. A20 is always an address output pin. A23 to A21 become valid when
0 is written in bits 7 to 5 of BRCR; initially, they function as PA4 to
PA6.
3.6 Memory Map in Each Operating Mode
Figure 3-1 shows a memory map for modes 1 to 4. The address space is divided into eight areas.
The initial bus mode differs between modes 1 and 2, and also between modes 3 and 4. The address
locations of the on-chip RAM and on-chip registers differ between the 1-Mbyte modes (modes 1
and 2) and 16-Mbyte modes (modes 3 and 4). The address range specifiable by the CPU in its
8- and 16-bit absolute addressing modes (@aa:8 and @aa:16) also differs.
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com