Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 23Page - Renesas Technology Corp H8/3002 Datasheet HTML 24Page - Renesas Technology Corp H8/3002 Datasheet HTML 25Page - Renesas Technology Corp H8/3002 Datasheet HTML 26Page - Renesas Technology Corp H8/3002 Datasheet HTML 27Page - Renesas Technology Corp H8/3002 Datasheet HTML 28Page - Renesas Technology Corp H8/3002 Datasheet HTML 29Page - Renesas Technology Corp H8/3002 Datasheet HTML 30Page - Renesas Technology Corp H8/3002 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 700 page
background image
1.4 Pin Functions
Table 1-3 summarizes the pin functions.
Table 1-3 Pin Functions
Pin No.
FP-100B,
Type
Symbol
TFP-100B
FP-100A
I/O
Name and Function
Power
VCC
1, 35, 68
3, 37, 70
Input
Power: For connection to the power supply.
Connect all VCC pins to the system power supply.
VSS
11, 22, 44,
13, 24, 46, Input
Ground: For connection to ground (0 V).
57, 65, 92
59, 67, 94
Connect all VSS pins to the 0-V system power
supply.
Clock
XTAL
67
69
Input
For connection to a crystal resonator.
For examples of crystal resonator and external
clock input, see section 16, Clock Pulse
Generator.
EXTAL
66
68
Input
For connection to a crystal resonator or input
of an external clock signal. For examples of
crystal resonator and external clock input,
see section 16, Clock Pulse Generator.
ø
61
63
Output
System clock: Supplies the system clock to
external devices
Operating
MD2 to MD0
75 to 73
77 to 75
Input
Mode 2 to 0: For setting the operating
mode, as follows. Inputs at these pins must
not be changed during operation.
MD2
MD1
MD0
Operating Mode
00
0
—
0
0
1
Mode 1
0
1
0
Mode 2
0
1
1
Mode 3
1
0
0
Mode 4
10
1
—
11
0
—
11
1
—
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com